Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY559X-1500U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY559X-1500U
Description  Damper diode ultra fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY559X-1500U Datasheet(HTML) 4 Page - NXP Semiconductors

  BY559X-1500U_15 Datasheet HTML 1Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 2Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 3Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 4Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY559X-1500U
ultra fast, high-voltage
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.6. SOD113; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD113
2-lead TO-220
0
10
20 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 2-leads TO-220 'full pack'
SOD113
w M
12
b
E
P
e
A
A1
b1
c
Q
k
j
q
D
T
HE
L
L1
(1)
m
z
Notes
1. Terminals are uncontrolled within zone L1.
2. z is depth of T.
UNIT
A1
D
b
E
e
w
T
q
Q
P
m
L
jk
z(2)
b1
c
L1
(1)
HE
max.
DIMENSIONS (mm are the original dimensions)
A
mm
0.8
0.4
4.6
4.0
2.9
2.5
1.1
0.9
0.9
0.7
0.7
0.4
15.8
15.2
10.3
9.7
5.08
19.0
14.4
13.5
3.3
2.8
6.5
6.3
2.6
2.3
2.6
2.55
2.7
2.3
0.6
0.4
3.2
3.0
97-06-11
April 1999
4
Rev 1.100


Similar Part No. - BY559X-1500U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
41Kb / 4P
   Damper diode ultra fast, high-voltage
September 1998 Rev 1.100
More results

Similar Description - BY559X-1500U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
41Kb / 4P
   Damper diode ultra fast, high-voltage
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com