Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRS6513 Datasheet(PDF) 3 Page - Sanken electric

Part # STRS6513
Description  OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STRS6513 Datasheet(HTML) 3 Page - Sanken electric

  STRS6513 Datasheet HTML 1Page - Sanken electric STRS6513 Datasheet HTML 2Page - Sanken electric STRS6513 Datasheet HTML 3Page - Sanken electric STRS6513 Datasheet HTML 4Page - Sanken electric STRS6513 Datasheet HTML 5Page - Sanken electric STRS6513 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALLOWABLE AVALANCHE ENERGY
ELECTRICAL CHARACTERISTICS at TA = +25°C, VIN = 18 V, voltage measurements are referenced to
Common (pin 3) (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ. Max.
Units
On-State Voltage
V
INT
Turn-on, increasing V
IN
14.4
17.6
V
Under-Voltage Lockout
V
INQ
Turn-off, decreasing V
IN
9.0
11
V
Over-Voltage Threshold
V
OVP(th)
26
31
V
FET Leakage Current
I
DSS
V
DS = 400 V
300
µA
FET ON Resistance
r
DS(on)
V
GS = 10 V, ID = 5.5 A
0.45
0.58
Output Fall Time
t
f
V
DD = 200 V, ID = 5 A, 10% to 90% VDS
250
ns
Maximum ON Time
t
on
18
22
µs
Minimum OFF Time
t
off
0.6
1.6
µs
Over-Current Threshold
V
OCP(th)
700
800
mV
Feedback Threshold
V
FDBK(th)
750
mV
Soft-Start Current
I
SS
V
SS = 0 V
-2.2
-3.4
mA
Fault-Latch Threshold Volt.
V
FL(th)
6.9
7.7
V
Fault-Latch Holding Current
I
INH
V
IN reduced to 8.5 V
340
400
µA
Fault-Latch Reset Voltage
V
INQ
I
IN <20 µA, VIN reduced from 31 V
6.5
8.5
V
Insulation RMS Voltage
V
WM(RMS)
All terminals simultaneous reference
2000
V
metal plate against backside
Supply Current
I
IN(ON)
Operating
18
28
mA
I
IN(OFF)
Start up, V
IN =14 V
100
µA
Thermal Shutdown
T
J
125
150
°C
Thermal Resistance
RθJM
FET junction to mounting surface
2.0
°C/W
NOTES: Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.
600
400
200
0
60
100
140
100
STARTING CHANNEL TEMPERATURE in
°C
Dwg. GK-009-1
300
500
0
20
40
80
120
160
SINGLE PULSE
DRAIN CURRENT = 5 A
SUPPLY VOLTAGE = 50 V
STR-S6513
OFF-LINE
SWITCHING REGULATOR


Similar Part No. - STRS6513

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRS6525 ALLEGRO-STRS6525 Datasheet
91Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STRS6529 ALLEGRO-STRS6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
More results

Similar Description - STRS6513

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-S6525 ALLEGRO-STR-S6525 Datasheet
91Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-M6511 ALLEGRO-STR-M6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
STR-S6529 ALLEGRO-STR-S6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-M6529 ALLEGRO-STR-M6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
STR-S6513 ALLEGRO-STR-S6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com