Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC218A4FP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC218A4FP
Description  Silicon Bidirectional Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC218A4FP Datasheet(HTML) 2 Page - Motorola, Inc

  MAC218A4FP Datasheet HTML 1Page - Motorola, Inc MAC218A4FP Datasheet HTML 2Page - Motorola, Inc MAC218A4FP Datasheet HTML 3Page - Motorola, Inc MAC218A4FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC218FP Series MAC218AFP Series
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Off-State Current (Either Direction)
(VD = Rated VDRM @ TJ = 125°C, Gate Open )
IDRM
2
mA
Peak On-State Voltage (Either Direction)
(ITM = 11.3 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle t 2%)
VTM
1.7
2
Volts
Gate Trigger Current (Continuous dc) (VD = 12 Vdc, RL = 12 Ω)
Trigger Mode
MT2(+), G(+) ;
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
IGT
50
50
50
75
mA
Gate Trigger Voltage (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
(Main Terminal Voltage = Rated VDRM, RL = 10 kΩ, TJ = +125°C)
MT2(+), G(+); MT2(–), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
VGT
0.2
0.2
0.9
0.9
1.1
1.4
2
2
2
2.5
Volts
Holding Current (Either Direction)
(VD = 24 Vdc, Gate Open, Initiating Current = 200 mA)
IH
50
mA
Critical Rate of Rise of Commutating Off-State Voltage
(VD = Rated VDRM, ITM = 11.3 A, Commutating
di/dt = 4.1 A/ms, Gate Unenergized, TC = 80°C)
dv/dt(c)
5
V/
µs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Voltage Rise, Gate Open,
TJ = 125°C)
dv/dt
100
V/
µs
IT(RMS), RMS ON-STATE CURRENT (AMPS)
2
4
6
8
10
1
2
3
4
5
6
125
115
105
8
7
95
1
85
8
7
6
5
4
3
2
0
IT(RMS), RMS ON-STATE CURRENT (AMPS)
Figure 1. Current Derating
0
75
Figure 2. Power Dissipation
0


Similar Part No. - MAC218A4FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC218A4 MOTOROLA-MAC218A4 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC218A4 NJSEMI-MAC218A4 Datasheet
90Kb / 2P
   Silicon Bidirectional Thyristors
More results

Similar Description - MAC218A4FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com