Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA20H8087M-01 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA20H8087M-01
Description  806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA20H8087M-01 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA20H8087M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA20H8087M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUBISHI RF POWER MODULE
RA 20H8087 M
RA20H8087M
MITSUBISHI ELECTRIC
25 April 2003
3/10
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
750
770
790
810
830
850
870
FREQUENCY f(MHz)
0
10
20
30
40
50
60
VDD=12.5V
Pin=50mW
Pout @VGG=5V
ηT @P
out=20W
ρ
in @P out=20W
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=764MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER P in(dBm)
0
4
8
12
16
20
24
f=806MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
750
770
790
810
830
850
870
FREQUENCY f(MHz)
VDD=12.5V
Pin=50mW
2
nd
@Pout=20W
3
rd
@Pout=20W
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=825MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=851MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=870MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA20H8087M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA20H8087M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M_10 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760LC MITSUBISHI-M67760LC Datasheet
53Kb / 4P
   806-870MHz, 12.5V, 20W, FM MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_10 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M Datasheet
68Kb / 8P
   896-902/ 935-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_10 Datasheet
147Kb / 9P
   806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com