Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34C87 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC34C87
Description  Quad EIA-422-A Line Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34C87 Datasheet(HTML) 3 Page - Motorola, Inc

  MC34C87 Datasheet HTML 1Page - Motorola, Inc MC34C87 Datasheet HTML 2Page - Motorola, Inc MC34C87 Datasheet HTML 3Page - Motorola, Inc MC34C87 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC34C87
MOTOROLA
3
AC CHARACTERISTICS (VCC = 4.5 to 5.5 V, TA = – 40 to + 85°C, unless otherwise stated)
Parameter
Symbol
Min
Typ
Max
Unit
Propagation Delay Input to Output (S1 Open)
tPLH
tPHL
6
12
ns
Output Skew (S1 Open)*
Skew
1.0
4
ns
Differential Output
Rise Time
Fall Time (S1 Open)
tTLH
tTHL
4
8
ns
Output Enable Time
(S1 Closed)
tPZH
tPZL
16
15
ns
Output Disable Time
(S1 Closed)
tPHZ
tPLZ
6
9
ns
* Skew: difference in propagation delays between complementary outputs.
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
47 pF
47 pF
47 pF
49.9
49.9
499
S1
1.5 V
INPUT
Figure 1. AC Test Circuit
OUTPUT A
1.5 V
tPHL
OUTPUT B
1.5 V
1.5 V
1.5 V
INPUT
1.5 V
1.5 V
— VOH
VOL
VOH
— VOL
tPLH
tPLH
tPHL
SKEW
3 V —
0 V
Figure 2. Propagation Delays and Skew Waveforms
Figure 3. Enable and Disable Times
OUTPUT A
1.5 V
tPZL
OUTPUT B
0.8 V
1.5 V
ENABLE INPUT
VOH – 0.5 V
2.0 V
— 1.5 V
VOL
VOH
tPLZ
tPZH
tPHZ
3 V —
0 V
— 1.5 V
VOL + 0.5 V
Figure 4. Differential Rise and Fall Times
OUTPUT
(DIFFERENTIAL)
90%
tTHL
10%
90%
INPUT
tTLH
3 V —
0 V
10%
TYPICAL APPLICATIONS
Figure 5. Two–Wire Balanced Systems (EIA–422–A)
+
DATA
DATA
OUTPUT
ENABLE


Similar Part No. - MC34C87

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
MC34C86D MOTOROLA-MC34C86D Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
MC34C86P MOTOROLA-MC34C86P Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
More results

Similar Description - MC34C87

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com