Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL45D2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # BUL45D2G
Description  High Speed, High Gain Bipolar NPN Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button BUL45D2G Datasheet HTML 3Page - ON Semiconductor BUL45D2G Datasheet HTML 4Page - ON Semiconductor BUL45D2G Datasheet HTML 5Page - ON Semiconductor BUL45D2G Datasheet HTML 6Page - ON Semiconductor BUL45D2G Datasheet HTML 7Page - ON Semiconductor BUL45D2G Datasheet HTML 8Page - ON Semiconductor BUL45D2G Datasheet HTML 9Page - ON Semiconductor BUL45D2G Datasheet HTML 10Page - ON Semiconductor BUL45D2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BUL45D2G
www.onsemi.com
11
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AH
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.415
9.66
10.53
C
0.160
0.190
4.07
4.83
D
0.025
0.038
0.64
0.96
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.161
2.80
4.10
J
0.014
0.024
0.36
0.61
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
BUL45D2/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.


Similar Part No. - BUL45D2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
More results

Similar Description - BUL45D2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
logo
Nexperia B.V. All right...
PHPT610035NK NEXPERIA-PHPT610035NK Datasheet
280Kb / 14P
   NPN/NPN high power double bipolar transistor
10 September 2020
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
   High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
logo
Diodes Incorporated
ZXTN07012EFF DIODES-ZXTN07012EFF_16 Datasheet
372Kb / 7P
   12V NPN HIGH GAIN POWER TRANSISTOR
ZXTN19020CFF DIODES-ZXTN19020CFF_16 Datasheet
340Kb / 7P
   20V NPN HIGH GAIN POWER TRANSISTOR
logo
Nexperia B.V. All right...
PHPT610030NK-Q NEXPERIA-PHPT610030NK-Q Datasheet
283Kb / 14P
   NPN/NPN high power double bipolar transistor
10 February 2023
logo
Diodes Incorporated
ZXTN19060CFF DIODES-ZXTN19060CFF Datasheet
377Kb / 7P
   60V NPN HIGH GAIN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com