Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMT1DXV6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMT1DXV6
Description  Dual General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMT1DXV6 Datasheet(HTML) 3 Page - ON Semiconductor

  EMT1DXV6 Datasheet HTML 1Page - ON Semiconductor EMT1DXV6 Datasheet HTML 2Page - ON Semiconductor EMT1DXV6 Datasheet HTML 3Page - ON Semiconductor EMT1DXV6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMT1DXV6
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. IC − VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. On Voltage
IC, COLLECTOR CURRENT (mA)
0
120
90
60
30
0
36
9
15
1000
0.1
100
10
1
10
100
TA = 25°C
TA = - 25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80
100
150 200
TA = 25°C
VCE = 5 V
12
0
TA = 25°C
300
mA
IB = 50 mA
100
150
200
250
Figure 5. Capacitance
VCB (V)
Figure 6. Capacitance
VEB (V)
13
0
12
11
10
9
6
12
3
4
14
0
12
10
8
6
4
0
10
20
30
40
8
7
2


Similar Part No. - EMT1DXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMT1DXV6T1 ONSEMI-EMT1DXV6T1 Datasheet
57Kb / 4P
   Dual General Purpose Transistor
November, 2005 ??Rev. 1
EMT1DXV6T1G ONSEMI-EMT1DXV6T1G Datasheet
57Kb / 4P
   Dual General Purpose Transistor
November, 2005 ??Rev. 1
EMT1DXV6T5 ONSEMI-EMT1DXV6T5 Datasheet
57Kb / 4P
   Dual General Purpose Transistor
November, 2005 ??Rev. 1
EMT1DXV6T5G ONSEMI-EMT1DXV6T5G Datasheet
57Kb / 4P
   Dual General Purpose Transistor
November, 2005 ??Rev. 1
More results

Similar Description - EMT1DXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com