Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5730 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE5730
Description  High Voltage PNP Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5730 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE5730 Datasheet HTML 1Page - ON Semiconductor MJE5730 Datasheet HTML 2Page - ON Semiconductor MJE5730 Datasheet HTML 3Page - ON Semiconductor MJE5730 Datasheet HTML 4Page - ON Semiconductor MJE5730 Datasheet HTML 5Page - ON Semiconductor MJE5730 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
MJE5730/D
MJE5730, MJE5731,
MJE5731A
High Voltage PNP Silicon
Plastic Power Transistors
These devices are designed for line operated audio output amplifier,
switch−mode power supply drivers and other switching applications.
Features
Popular TO−220 Plastic Package
PNP Complements to the TIP47 thru TIP50 Series
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJE5730
MJE5731
MJE5731A
VCEO
300
350
375
Vdc
Collector−Base Voltage
MJE5730
MJE5731
MJE5731A
VCB
300
350
375
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
1.0
Adc
Collector Current − Peak
ICM
3.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
°C
PD
40
0.32
W
W/
_C
Total Device Dissipation
@ TC = 25_C
Derate above 25
°C
PD
2.0
0.016
W
W/
_C
Unclamped Inducting Load Energy
(See Figure 10)
E
20
mJ
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.125
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
1.0 AMPERE
POWER TRANSISTORS
PCP SILICON
300−350−400 VOLTS
50 WATTS
TO−220
CASE 221A−09
STYLE 1
1
www.onsemi.com
MARKING DIAGRAM
2
3
MJE573x = Device Code
x = 0, 1, or 1A
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MJE573xG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
4
1
BASE
3
EMITTER
COLLECTOR
2, 4


Similar Part No. - MJE5730

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
MJE5730 ONSEMI-MJE5730 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
logo
Inchange Semiconductor ...
MJE5730 ISC-MJE5730 Datasheet
264Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5730G ONSEMI-MJE5730G Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
More results

Similar Description - MJE5730

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730_06 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com