Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE18008 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJE18008
Description  Switch-mode NPN Bipolar Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18008 Datasheet(HTML) 5 Page - ON Semiconductor

  MJE18008 Datasheet HTML 1Page - ON Semiconductor MJE18008 Datasheet HTML 2Page - ON Semiconductor MJE18008 Datasheet HTML 3Page - ON Semiconductor MJE18008 Datasheet HTML 4Page - ON Semiconductor MJE18008 Datasheet HTML 5Page - ON Semiconductor MJE18008 Datasheet HTML 6Page - ON Semiconductor MJE18008 Datasheet HTML 7Page - ON Semiconductor MJE18008 Datasheet HTML 8Page - ON Semiconductor MJE18008 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MJE18008, MJF18008
www.onsemi.com
5
hFE, FORCED GAIN
3
160
hFE, FORCED GAIN
Figure 13. Inductive Fall Time
Figure 14. Inductive Crossover Time
60
515
400
200
50
4
6789
10
11
12
13
14
70
80
140
35
15
4
6789
10
11
12
13
14
300
100
IC = 2 A
IC = 4.5 A
TJ = 25°C
TJ = 125°C
100
120
350
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 mH
150
130
110
90
150
250
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 mH
IC = 2 A
IC = 4.5 A
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
TJ = 25°C
TJ = 125°C
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 15. Forward Bias Safe Operating Area
Figure 16. Reverse Bias Switching Safe
Operating Area
Figure 17. Forward Bias Power Derating
100
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
9
6
0
0
200
1,0
0,8
0,2
0,0
20
TC, CASE TEMPERATURE (°C)
80
140
160
1
0.01
3
600
1000
100
1000
DC (MJE18008)
5 ms
0,6
0,4
10
0.1
EXTENDED
SOA
1 ms
10
ms 1 ms
400
2
1
4
5
40
60
100
120
SECOND BREAKDOWN
DERATING
DC (MJF18008)
7
8
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate. The data of Figure 15 is
based on TC = 25
°C; TJ(pk) is variable depending on power
level. Second breakdown pulse limits are valid for duty
cycles to 10% but must be derated when TC > 25
°C. Second
breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltages shown in
Figure 15 may be found at any case temperature by using the
appropriate curve on Figure 17. TJ(pk) may be calculated
from the data in Figure 20 and 21. At any case temperatures,
thermal limitations will reduce the power that can be handled
to values less than the limitations imposed by second
breakdown. For inductive loads, high voltage and current
must be sustained simultaneously during turn−off with the
base−to−emitter junction reverse−biased. The safe level is
specified as a reverse−biased safe operating area (Figure 16).
This rating is verified under clamped conditions so that the
device is never subjected to an avalanche mode.
800
-1, 5 V
-5 V
TC ≤ 125°C
IC/IB ≥ 4
LC = 500 mH
GUARANTEED SAFE OPERATING AREA INFORMATION
THERMAL DERATING
VBE(off) = 0 V
There are two limitations on the power handling ability
of a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC −VCE


Similar Part No. - MJE18008

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
logo
ON Semiconductor
MJE18008 ONSEMI-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR
1995 REV 1
logo
Savantic, Inc.
MJE18008 SAVANTIC-MJE18008 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJE18008 JMNIC-MJE18008 Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJE18008 ONSEMI-MJE18008 Datasheet
234Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
More results

Similar Description - MJE18008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004 ONSEMI-MJE18004_15 Datasheet
151Kb / 11P
   Switch-mode NPN Bipolar Power Transistor
January, 2015 ??Rev. 12
MJE13007 ONSEMI-MJE13007_15 Datasheet
129Kb / 10P
   Switch-mode NPN Bipolar Power Transistor
January, 2015 ??Rev. 9
logo
STMicroelectronics
2STC4793 STMICROELECTRONICS-2STC4793 Datasheet
143Kb / 7P
   NPN power bipolar transistor
March 2010 Rev 2
logo
SemiHow Co.,Ltd.
KSH13009AL SEMIHOW-KSH13009AL Datasheet
232Kb / 5P
   Switch Mode series NPN silicon Power Transistor
KSH13007 SEMIHOW-KSH13007 Datasheet
237Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSG13003AR SEMIHOW-KSG13003AR Datasheet
541Kb / 4P
   Switch Mode series NPN silicon Power Transistor
KSH13004A SEMIHOW-KSH13004A Datasheet
234Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSD13005A SEMIHOW-KSD13005A Datasheet
498Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSH13009L SEMIHOW-KSH13009L Datasheet
200Kb / 7P
   Switch Mode series NPN silicon Power Transistor-
KSH13005AF SEMIHOW-KSH13005AF Datasheet
231Kb / 5P
   Switch Mode series NPN silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com