Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS40200UW6T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS40200UW6T1G
Description  PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40200UW6T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSS40200UW6T1G Datasheet HTML 1Page - ON Semiconductor NSS40200UW6T1G Datasheet HTML 2Page - ON Semiconductor NSS40200UW6T1G Datasheet HTML 3Page - ON Semiconductor NSS40200UW6T1G Datasheet HTML 4Page - ON Semiconductor NSS40200UW6T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS40200UW6T1G, NSV40200UW6T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−40
Vdc
Collector − Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−40
Vdc
Emitter − Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−7.0
Vdc
Collector Cutoff Current
(VCB = −40 Vdc, IE = 0)
ICBO
−0.1
mAdc
Emitter Cutoff Current
(VEB = −7.0 Vdc)
IEBO
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = −10 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = −2.0 A, VCE = −2.0 V)
hFE
150
150
150
150
Collector − Emitter Saturation Voltage (Note 4)
(IC = −0.1 A, IB = −0.010 A) (Note 5)
(IC = −1.0 A, IB = −0.100 A)
(IC = −1.0 A, IB = −0.010 A)
(IC = −2.0 A, IB = −0.020 A)
VCE(sat)
−0.100
−0.020
−0.120
−0.200
−0.300
V
Base − Emitter Saturation Voltage (Note 4)
(IC = −1.0 A, IB = −0.01 A)
VBE(sat)
−0.76
−0.900
V
Base − Emitter Turn−on Voltage (Note 4)
(IC = −2.0 A, VCE = −3.0 V)
VBE(on)
−0.80
−0.900
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
140
MHz
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
500
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
100
pF
SWITCHING CHARACTERISTICS
Delay (VCC = 30 V, IC = 750 mA, IB1 = 15 mA)
td
70
ns
Rise (VCC = 30 V, IC = 750 mA, IB1 = 15 mA)
tr
150
ns
Storage (VCC = 30 V, IC = 750 mA, IB1 = 15 mA)
ts
525
ns
Fall (VCC = 30 V, IC = 750 mA, IB1 = 15 mA)
tf
155
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%.
5. Guaranteed by design but not tested.


Similar Part No. - NSS40200UW6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40200UW6T1G ONSEMI-NSS40200UW6T1G Datasheet
66Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results

Similar Description - NSS40200UW6T1G

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com