Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13282AP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC13282AP
Description  100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13282AP Datasheet(HTML) 2 Page - Motorola, Inc

  MC13282AP Datasheet HTML 1Page - Motorola, Inc MC13282AP Datasheet HTML 2Page - Motorola, Inc MC13282AP Datasheet HTML 3Page - Motorola, Inc MC13282AP Datasheet HTML 4Page - Motorola, Inc MC13282AP Datasheet HTML 5Page - Motorola, Inc MC13282AP Datasheet HTML 6Page - Motorola, Inc MC13282AP Datasheet HTML 7Page - Motorola, Inc MC13282AP Datasheet HTML 8Page - Motorola, Inc MC13282AP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC13282A
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Refer to Test Circuit Figure 1, TA = 25°C, VCC = 8.0 Vdc.)
Characteristic
Condition
Pin
Min
Typ
Max
Unit
Input Impedance
2, 4, 6
100
k
Internal DC Bias Voltage
2.4
Vdc
Output Signal Amplitude
V2, V4, V6 = 0.7 Vpp
V1 V3 V5 V13 = 5 0 V
15, 19, 22
3.6
4.0
Vpp
Voltage Gain
V1, V3, V5, V13 = 5.0 V
V14 = 0 V
5.6
V/V
Contrast Control
V13 = 5.0 to 0 V
V1, V3, V5 = 5.0 V
13
–26
dB
Subcontrast Control
V1, V3, V5 = 5.0 to 0 V
V13 = 5.0 V
1, 3, 5
–26
dB
Emitter DC Level
15, 19, 22
1.0
1.2
1.4
Vdc
Blanking Input Threshold
24
1.25
V
Clamping Input Threshold
23
3.75
V
Video Rise Time
V2, V4, V6 = 0.7 Vpp
Vout =4 0Vpp
15, 19, 22
3.5
ns
Video Fall Time
Vout = 4.0 Vpp
RL > 300 Ω, CL < 5.0 pF
3.5
Video Bandwidth
V2, V4, V6 = 0.7 Vpp
V1, V3, V5, V13 = 5.0 V
V14 = 0 V
RL > 300 Ω, CL < 5.0 pF
15, 19, 22
100
MHz
OSD Rise Time
V8, V10, V12 = TTL Level
V11
5 0 V V14
5 0 V
15, 19, 22
7.0
ns
OSD Fall Time
V11 = 5.0 V, V14 = 5.0 V
7.0
OSD Bandwidth
V8, V10, V12 = TTL Level
V11 = 5.0 V, V14 = 5.0 V
15, 19, 22
50
MHz
OSD Propagation Delay
17
ns
Power Supply Current
VCC, Video VCC = 8.0 V
9, 17
70
mA
NOTE:
It is recommended to use a double sided PCB layout for high frequency measurement (e.g., rise/fall time, bandwidth).


Similar Part No. - MC13282AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13280AYP MOTOROLA-MC13280AYP Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281A MOTOROLA-MC13281A Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281AP MOTOROLA-MC13281AP Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281B MOTOROLA-MC13281B Datasheet
159Kb / 12P
   80/100 MHz Video Processor
More results

Similar Description - MC13282AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
   80/100 MHz Video Processor
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
logo
Samsung semiconductor
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ AD-ADV8002KBCZ Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD, Dual HDMI Tx, and Video Encoder
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com