Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14415VP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14415VP
Description  Quad Precision Timer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14415VP Datasheet(HTML) 1 Page - Motorola, Inc

  MC14415VP Datasheet HTML 1Page - Motorola, Inc MC14415VP Datasheet HTML 2Page - Motorola, Inc MC14415VP Datasheet HTML 3Page - Motorola, Inc MC14415VP Datasheet HTML 4Page - Motorola, Inc MC14415VP Datasheet HTML 5Page - Motorola, Inc MC14415VP Datasheet HTML 6Page - Motorola, Inc MC14415VP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14415
290
Quad Precision Timer/Driver
MC14415 quad timer/driver is constructed with complementary MOS
enhancement mode devices. The output pulse width of each digital timer is
a function of the input clock frequency. Once the proper input sequence is
detected the output buffer is set (turned on), and after 100 clock pulses are
counted, the output buffer is reset (turned off).
The MC14415 was designed specifically for application in high speed line
printers to provide the critical timing of the hammer drivers, but may be used
in many applications requiring precision pulse widths.
• Four Precision Digital Time Delays
• Schmitt Trigger Clock Conditioning
• NPN Bipolar Output Drivers
• Timing Disable Capability Using Inhibit Output
• Positive or Negative Edge Strobing on the Inputs
• Synchronous Polynomial Counters Used for Delay Counting
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage MC14415FL, FP,DW
MC14415VL, VP
VDD
– 0.5 to + 18.0
– 0.5 to + 6.0
V
Input or Output Voltage (DC or Transient)
Vin, Vout – 0.5 to VDD + 0.5
V
Input Current (DC or Transient), per Pin
Iin
± 10
mA
Output Current (DC or Transient), per Pin
Iout
± 20
mA
Power Dissipation, per Package†
PD
500
mW
Storage Temperature
Tstg
– 65 to + 150
_C
Lead Temperature (8–Second Soldering)
TL
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
BLOCK DIAGRAM
OUTPUT INHIBIT 15
11 OUTPUT D
CLOCK 1
OUTPUT SET 2
INPUT DISABLE 10
STROBE 1 7
STROBE 2 9
SET D 6
SET C 5
SET B 4
SET A 3
12 OUTPUT C
13 OUTPUT B
14 OUTPUT A
VDD = PIN 16
VSS = PIN 8
INPUT
LOGIC
DIVIDE–BY–
100
COUNTERS
OUTPUT
BUFFERS
COMMON
LOGIC
CLOCK
CONDITIONING
CIRCUIT
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14415
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14415FP (3.0 V–18 V)
Plastic
MC14415VP (3.0 V–6.0 V)
Plastic
MC14415FL (3.0 V–18 V)
Ceramic
MC14415VL (3.0 V–6.0 V)
Ceramic
MC14415DW (3.0 V–18 V)
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
DW SUFFIX
SOIC
CASE 751G
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
OUT C
OUT B
OUT A
VDD
ST2
DIS
OUT D
SET B
SET A
SET
CLOCK
VSS
ST 1
SET D
SET C
INH


Similar Part No. - MC14415VP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14410 MOTOROLA-MC14410 Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC144105 MOTOROLA-MC144105 Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC144105P MOTOROLA-MC144105P Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC14410L MOTOROLA-MC14410L Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC14410P MOTOROLA-MC14410P Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
More results

Similar Description - MC14415VP

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555 Datasheet
135Kb / 8P
   Precision Timer
logo
Diodes Incorporated
NE555S DIODES-NE555S Datasheet
673Kb / 14P
   PRECISION TIMER
Rev. 5 - 2 February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555_15 Datasheet
160Kb / 10P
   Precision Timer
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
   Quad Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com