Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33110P Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33110P
Description  LOW VOLTAGE COMPANDER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33110P Datasheet(HTML) 3 Page - Motorola, Inc

  MC33110P Datasheet HTML 1Page - Motorola, Inc MC33110P Datasheet HTML 2Page - Motorola, Inc MC33110P Datasheet HTML 3Page - Motorola, Inc MC33110P Datasheet HTML 4Page - Motorola, Inc MC33110P Datasheet HTML 5Page - Motorola, Inc MC33110P Datasheet HTML 6Page - Motorola, Inc MC33110P Datasheet HTML 7Page - Motorola, Inc MC33110P Datasheet HTML 8Page - Motorola, Inc MC33110P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MC33110
3
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VCC Supply Voltage
VCC
12, –0.5
Vdc
High Input Voltage (Pin 5 & 10)
VIH
VCC + 0.5
Vdc
Low Input Voltage
VIL
–0.5
Vdc
Output Source Current (Pin 4 & 11)
IO+
Self–Limiting
Output Sink Current
IO–
20
mA
Junction Temperature
TJ
–65, 150
°C
NOTES: 1. Devices should not be operated at these values. The “Recommended Operating
Conditions” table provides conditions for actual device operation.
2. ESD data available upon request.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
2.1
7.0
Vdc
Input Voltage Range
Compressor, 2.1 V < VCC < 7.0 V
Expander, VCC = 2.1 V
Expander, 3.0 V < VCC < 7.0 V
VIR
0
0
0
1.0
0.25
0.316
Vrms
Input Frequency
Fin
100
20 k
Hz
Output Load
Compressor (Pin 11, VO = 100 mV)
Expander (Pin 4, VO = 100 mV)
RL
300
150
Ambient Temperature
TA
–40
85
°C
All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, f = 1.0 kHz, unless otherwise noted, TA = 25°C, see Figure 1)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Current
VCC = 5.0 V
VCC = 2.1 V
ICC
3.5
3.3
5.5
mA
VB Voltage
VCC = 5.0 V
2.1 V < VCC < 7.0 V
VB
2.4
2.5
VCC/2
2.6
Vdc
COMPRESSOR
0 dB Gain
Vin = 100 mVrms, Pin 1 = Open
G(CO)
–1.5
0
1.5
dB
Gain Tracking
@ Vin = 1.0 Vrms, output relative to G(CO)
@ Vin = 10 mVrms, output relative to G(CO)
@ Vin = 1.0 mVrms, output relative to G(CO)
@ Vin = 100 µVrms, output relative to G(CO)
Gt
9.0
–31
10
–10
–20
–30
11
–29
dB
Total Harmonic Distortion
Vin = 100 mVrms, f = 1.0 kHz
THD
0
0.1
1.5
%
Power Supply Rejection
f = 1.0 kHz, CVB = 10 µF, Vin = – 20 dB
PSRR
22
dB
Attack Time (Capacitor @ Pin 12 = 2.2
µF)
ta(C)
6.0
ms
Decay Time (Capacitor @ Pin 12 = 2.2
µF)
td(C)
20
ms
Input Impedance
Pin 10
Pin 8
Rin
10
3.2
k


Similar Part No. - MC33110P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
MC33111D MOTOROLA-MC33111D Datasheet
120Kb / 12P
   Low Voltage Compander
logo
LANSDALE Semiconductor ...
MC33111D LANSDALE-MC33111D Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
MC33111D LANSDALE-MC33111D Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Motorola, Inc
MC33111P MOTOROLA-MC33111P Datasheet
120Kb / 12P
   Low Voltage Compander
More results

Similar Description - MC33110P

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com