Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD1225-48H Datasheet(PDF) 1 Page - ORION FANS

Part # OD1225-48H
Description  DC Fan - 48V 120x25mm (4.7?쓝 1.0??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1225-48H Datasheet(HTML) 1 Page - ORION FANS

  OD1225-48H Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OD1225 Series
DC Fan - 48V
120x25mm (4.7”x 1.0”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (FG)
Alarm (RD)
Life Expectancy (L10)
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Operating Temperature
Ball Bearing
-15C ~ +65C
Sleeve Bearing
-10C ~ +50C
m0
Connection
2x Lead wires or Terminals
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual Ball or Sleeve
Insulation Resistance
10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature
-25C ~ +80C
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC
Voltage Range
Amps
Max. Static
Pressure (“H2O)
OD1225-48H *
3000
86
42
48
22~55
0.09
0.24
OD1225-48M *
2500
70
35
48
22~55
0.07
0.19
OD1225-48L *
1800
45
25
48
22~55
0.06
0.15
* Apply one of the following suffices to indicate preferred power connection and bearing type: “TB” (Terminal, Ball Bearing) or“B”
(12” Wire Leads, Ball Bearing) or “TS” (Terminal, Sleeve Bearing) or “S” (12” Wire Leads, Sleeve Bearing)
10557 Metric Drive
Dallas, Texas 75243
RoHS Compliant
OrionFans.com
Information and data is subject to
change without prior notification.
214-340-0265


Similar Part No. - OD1225-48H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1225-12HB ORIONFANS-OD1225-12HB Datasheet
116Kb / 1P
   DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC FAN - 12V, 24V
OD1225-12LB ORIONFANS-OD1225-12LB Datasheet
116Kb / 1P
   DC Fan
OD1225-12MB ORIONFANS-OD1225-12MB Datasheet
116Kb / 1P
   DC Fan
More results

Similar Description - OD1225-48H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
   DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD6025 ORIONFANS-OD6025_16 Datasheet
1Mb / 1P
   DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
OD1238-12MBXJ01A ORIONFANS-OD1238-12MBXJ01A Datasheet
832Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-60HB ORIONFANS-OD1238-60HB Datasheet
210Kb / 2P
   DC Fan - 60VDC 120x38mm (4.7?쓝 1.5??
OD1238-12HBXJ01A ORIONFANS-OD1238-12HBXJ01A Datasheet
916Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12MBXJ10A ORIONFANS-OD1238-12MBXJ10A Datasheet
1Mb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12HBXJ10A ORIONFANS-OD1238-12HBXJ10A Datasheet
1Mb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com