Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD1238-24HB-VXC Datasheet(PDF) 1 Page - ORION FANS

Part # OD1238-24HB-VXC
Description  High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1238-24HB-VXC Datasheet(HTML) 1 Page - ORION FANS

  OD1238-24HB-VXC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
83
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
High Performance DC Fan 12, 24, 48V
120x38mm (4.7”x 1.5”)
Frame & Impeller
PBT, UL94V-0 plastic
AvailableOptions:
Tachometer
Alarm
Thermal Speed Control
PWM
IP55
Salt Fog
Life Expectancy (L10)
65,000 hours (45C)
Weight: ~0.78 lbs
m4
Connection
2x Lead wires 24AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 minute at 500 VAC, max
leakage < 500 MicroAmp
Temperature Range
-20C ~ +75C
Storage Temperature -40C ~ +80C
Model Number
Speed
(RPM)
Airflow
(CFM) Noise (dB) Volts DC
Voltage
Range
Amps
Max. Static
Pressure
(“H2O)
OD1238-12HB-VXC
5000
226
65
12
6~14
3.6
1.35
OD1238-12MB-VXC
4000
189
59
12
6~14
2.0
0.85
OD1238-12LB-VXC
3000
140
52
12
6~14
1.5
0.46
OD1238-24HB-VXC
5000
226
65
24
12~28
1.7
1.35
OD1238-24MB-VXC
4000
189
59
24
12~28
1.1
0.85
OD1238-24LB-VXC
3000
140
52
24
12~28
0.6
0.46
OD1238-48HHB-VXC
6000
283
70
48
24~55
1.3
1.85
OD1238-48HB-VXC
5000
226
65
48
24~55
1.0
1.35
OD1238-48MB-VXC
4000
189
59
48
24~55
0.6
0.85
OD1238-48LB-VXC
3000
140
52
48
24~55
0.4
0.46
OD1238 VA Series
DC Fan Vane Axial High Pressure


Similar Part No. - OD1238-24HB-VXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238-24HB-VXC ORIONFANS-OD1238-24HB-VXC Datasheet
120Kb / 1P
   High Performance DC Fan 120x38mm (4.7' x 1.5')
OD1238-24HB-VXC ORIONFANS-OD1238-24HB-VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OD1238-24HB-VXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC Datasheet
100Kb / 1P
   High Performance DC Fan 120x38mm (4.7?쓝 1.5??
OD1238-60HB ORIONFANS-OD1238-60HB Datasheet
210Kb / 2P
   DC Fan - 60VDC 120x38mm (4.7?쓝 1.5??
OD1238-12MBXJ01A ORIONFANS-OD1238-12MBXJ01A Datasheet
832Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12HBXJ01A ORIONFANS-OD1238-12HBXJ01A Datasheet
916Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12MBXJ10A ORIONFANS-OD1238-12MBXJ10A Datasheet
1Mb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12HBXJ10A ORIONFANS-OD1238-12HBXJ10A Datasheet
1Mb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OA109AP-TEMPCONTROL ORIONFANS-OA109AP-TEMPCONTROL Datasheet
204Kb / 1P
   AC Smart Fan 120x38mm (4.7?쓝 1.5??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
   DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com