Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3821 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3821
Description  TECHNICAL DATA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3821 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3821 Datasheet HTML 1Page - Microsemi Corporation 2N3821 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3821, 2N3822, 2N3823 JAN SERIES
Parameters / Test Conditions
Symbol
Min.
Max.
Units
Small-Signal Common Source, Short-Circuit Forward Transfer Admittance
VGS = 0, VDS = 15 Vdc, f = 1.0 kHz
2N3821
2N3822
2N3823
|yfs|
1
1500
3000
3500
4500
6500
6500
µS
Small-Signal Common Source, Short-Circuit Output Admittance
VGS = 0, VDS = 15 Vdc, f = 1.0 kHz
2N3821
2N3822
2N3823
|yos|
10
20
35
µS
Small-Signal, Common-Source Short-Circuit Input Capacitance
VGS = 0, VDS = 15 Vdc, 100 kHz ≤ f ≤ 1.0 MHz
Ciss
6.0
pF
Small-Signal, Common-Source Reverse Transfer Capacitance
VDS = 15 Vdc, VGS = 0, 100 kHz ≤ f ≤ 1.0 MHz
2N3821, 2N3822
2N3823
Crss
3.0
2.0
pF
Small-Signal Common Source, Short-Circuit Forward Transfer Admittance
VGS = 0, VDS = 15 Vdc, f = 100 MHz
2N3821
f = 100 MHz
2N3822
f = 200 MHz
2N3823
|yfs|
2
1500
3000
3200
µS
Small-Signal, Common-Source Short-Circuit Input Conductance
VGS = 0, VDS = 15 Vdc, f = 200 MHz
2N3823 (only)
gis
800
µS
Small-Signal, Common-Source Short-Circuit Output Conductance
VGS = 0, VDS = 15 Vdc, f = 200 MHz
2N3823 (only)
gos
200
µS
Common Source Spot Noise Figure
VGS = 0, VDS = 15 Vdc, RG = 1M
f = 10 Hz
2N3821, 2N3822
f = 1.0 kHz
2N3821, 2N3822, 2N3823
NF
1
5.0
2.0
dB
Common Source Spot Noise Figure
VGS = 0, VDS = 15 Vdc, RG = 1k
f = 105 MHz
2N3823 (only)
NF
2
2.5
dB
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - 2N3821

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
92Kb / 1P
   N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Intersil Corporation
2N3821 INTERSIL-2N3821 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821 Datasheet
242Kb / 4P
   N-CHANNEL J-FET DEPLETION MODE
logo
New Jersey Semi-Conduct...
2N3821 NJSEMI-2N3821 Datasheet
159Kb / 2P
   JFETS LOW FREQUENCY, LOW NOISE
More results

Similar Description - 2N3821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com