Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7330 Datasheet(PDF) 7 Page - Mallory performance club

Part # 7330
Description  Programmable Digital-7 Plus
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7330 Datasheet(HTML) 7 Page - Mallory performance club

Back Button 7330 Datasheet HTML 3Page - Mallory performance club 7330 Datasheet HTML 4Page - Mallory performance club 7330 Datasheet HTML 5Page - Mallory performance club 7330 Datasheet HTML 6Page - Mallory performance club 7330 Datasheet HTML 7Page - Mallory performance club 7330 Datasheet HTML 8Page - Mallory performance club 7330 Datasheet HTML 9Page - Mallory performance club 7330 Datasheet HTML 10Page - Mallory performance club 7330 Datasheet HTML 11Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
INSTALLATION INSTRUCTIONS
7
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Burnout Rev Limit:
Connect the supplied Blue wire from the Burnout terminal of the MSD to the 12 volt activation wire of
the line lock solenoid. With this setup, when the line lock is activated, 12 volts will be supplied to the
Burnout terminal which limits the rpm to your specified burnout rpm module.
Launch Rev Limit:
Connect the supplied Light Green wire to the Launch terminal of the MSD then splice it into the clutch
or trans brake 12 volt activation wire. This way, when the clutch pedal is depressed, 12 volts is applied
to the Launch terminal which limits the rpm to your specified launch rpm module.
Note: The Launch rpm limit is designed to override the Burnout limit. This way, if you activate the
line-lock on the starting line, when the Launch terminal is activated through the trans brake or
clutch switch, the Launch rpm (not the Burnout limit) will be in effect. After the car launchs the
Race rpm limit is activated to protect the engine from over revving.
RPM ACTIVATED SWITCH
The RPM Activated Switch (RAS) Output will turn on
a component such as a shift light or nitrous solenoid
at an adjustable rpm point by supplying a ground
path (Figure 11). The RPM Switch is capable of
handling a 10 amp load. If 12 volts is required to
activate the component, use an MSD Relay, PN
8960 or PN 8961.
The 7AL-3 also features an "RAS On/Off" for the RPM
Activated Switch. To use the RPM Switch, 12 volts
must be connected to the “RAS-On/Off” terminal
located at the top of the third terminal strip. When-
ever the 12 volts is removed from this terminal, the
RPM Activated Switch
will not operate. This is a
useful feature for only turning on a nitrous solenoid
in high gear
by incorporat-
ing a switch
on the shifter
(Figure 12).
Figure 12 Turning on Nitrous with R.A.S. after Transbrake is released.
RAS
ON/OFF
Figure 11 Connecting the RPM Activated Switch.
7AL-3 SIDE VIEW
4500
RPM ACTIVATED
SWITCH
NITROUS
SOLENOID(S)
WIRE (+)
INDICATES CONNECTION
12V
SWITCH
TWO STEP WIRE
TRANS
BRAKE
GROUND
GROUND
PUSH BUTTON
BATTERY
12 V


Similar Part No. - 7330

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73300 MOLEX-73300 Datasheet
195Kb / 2P
   SMPM RF Blind-Mate Connectors
2018.08
73300-0020 MOLEX-73300-0020 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0021 MOLEX-73300-0021 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0022 MOLEX-73300-0022 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0080 MOLEX-73300-0080 Datasheet
511Kb / 7P
   SMPM PLUG, PCB VERTICAL 50 OHM FULL DETENT EWR-11427, SMPM-PCB
2021/04/21
More results

Similar Description - 7330

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
7531 MALLORY-7531 Datasheet
901Kb / 20P
   Programmable Digital-7 Plus
PN7531 MALLORY-PN7531 Datasheet
901Kb / 20P
   Programmable Digital-7 Plus
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
   Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
   Programmable Digital Controller
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
   Programmable digital input
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Analog Devices
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com