Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7330 Datasheet(PDF) 10 Page - Mallory performance club

Part # 7330
Description  Programmable Digital-7 Plus
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7330 Datasheet(HTML) 10 Page - Mallory performance club

Back Button 7330 Datasheet HTML 4Page - Mallory performance club 7330 Datasheet HTML 5Page - Mallory performance club 7330 Datasheet HTML 6Page - Mallory performance club 7330 Datasheet HTML 7Page - Mallory performance club 7330 Datasheet HTML 8Page - Mallory performance club 7330 Datasheet HTML 9Page - Mallory performance club 7330 Datasheet HTML 10Page - Mallory performance club 7330 Datasheet HTML 11Page - Mallory performance club 7330 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
KILL SWITCH
If your racing application requires an ignition kill switch it is easy to incorporate into the ignition's
trigger input wire. When the trigger input terminal is grounded, the ignition is killed. A Single-Pole,
Single Throw Switch is required (MSD PN 8806).
Points: Connect one side of the switch to ground and the other side to the Points terminal of 7AL-3
(Figure 17).
Mag Pickup: Connect one side of the switch to ground and the other side to the Mag+ terminal of
7AL-3 (Figure 18).
TROUBLESHOOTING
If for some reason you suspect that the ignition system is not functioning properly, follow the proceeding
procedures to determine if the MSD is functioning properly.
TRIGGER LED
The MSD 7AL-3 is equipped with a Green LED..
Green: The Green LED indicates that the ignition is receiving a trigger signal. If it is not operating, the
trigger mechanism, either crank trigger or distributor, is not delivering a trigger signal. If the engine
will not run though the Green LED shows a trigger signal, follow the "Checking for Spark" procedure
on page 11.
MSD offers an Ignition Tester, PN 8998, that will check the Ignition and Coil's operation.(The obsoleted
Tester PN 8995, can only be used on the points input.)
RAS
ON/OFF
Figure 17 Connecting a Kill Switch to Points.
RAS
ON/OFF
Figure 18 Connecting the Kill Switch to the Mag+.
Figure 16 Connecting a Tachometer.
RAS
ON/OFF
TACHOMETER
This terminal provides a square wave 12 volt, 20% duty
cycle signal for your tachometer. Use the supplied Brown
wire and connect it to the Tach terminal strip (Figure 16). If
your tachometer reads erratic or does not operate properly,
a Tach Adaptor may be required. If you are using the white
wire to trigger (points input) you will need Adapter PN 8910.
If you are using the magnetic pickup, PN 8920 will be the
right Adapter. Contact your MSD dealer.


Similar Part No. - 7330

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73300 MOLEX-73300 Datasheet
195Kb / 2P
   SMPM RF Blind-Mate Connectors
2018.08
73300-0020 MOLEX-73300-0020 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0021 MOLEX-73300-0021 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0022 MOLEX-73300-0022 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0080 MOLEX-73300-0080 Datasheet
511Kb / 7P
   SMPM PLUG, PCB VERTICAL 50 OHM FULL DETENT EWR-11427, SMPM-PCB
2021/04/21
More results

Similar Description - 7330

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
7531 MALLORY-7531 Datasheet
901Kb / 20P
   Programmable Digital-7 Plus
PN7531 MALLORY-PN7531 Datasheet
901Kb / 20P
   Programmable Digital-7 Plus
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
   Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
   Programmable Digital Controller
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
   Programmable digital input
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Analog Devices
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com