Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44864M Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC44864M
Description  PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44864M Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC44864M Datasheet HTML 4Page - Motorola, Inc MC44864M Datasheet HTML 5Page - Motorola, Inc MC44864M Datasheet HTML 6Page - Motorola, Inc MC44864M Datasheet HTML 7Page - Motorola, Inc MC44864M Datasheet HTML 8Page - Motorola, Inc MC44864M Datasheet HTML 9Page - Motorola, Inc MC44864M Datasheet HTML 10Page - Motorola, Inc MC44864M Datasheet HTML 11Page - Motorola, Inc MC44864M Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC44864
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 5. TV Tuner for Automatic Alignment
VHF
UHF
12 V
AGC
DA1
Mixer
Filter
Filter
Local
Oscillator
IF
33 V
5.0 V
SCL
MC44864
PLL–D/A IC
Band Buffers
BIII
SDA
DA2
DA3
VCC3
Antenna
HF Input
XTAL
VCC2
VCC1
Clock
Data
D–to–A
Converters
NVM
Phase Cmp
Amp In
VTUN
Figure 6. Definition of Bytes
CA1_PLL Chip Address
1
1
0
0
A3
A2
A1
A0 = 0
ACK
CO_Control Information
1
R6
T
P
R3
R2
R1
R0
ACK
BA_Band Information
B7
X
B5
X
B3
X
B1
X
ACK
FM_Frequency Information (with MSB)
0
N14
N13
N12
N11
N10
N9
N8
ACK
FL_Frequency Information (with LSB)
N7
N6
N5
N4
N3
N2
N1
N0
ACK
Chip Addresses
The chip address is programmable by Pin CA.
The PLL addresses C0, C2, C4, C6 are officially allocated
to PLL–IC’s.
The addresses C8, CA, CC, CE are not officially allocated.
Care has to be taken in the application that no conflict occurs
with other devices on the same I2C Bus when using the
addresses C8 to CE.
CA Pin (13)
A3
A2
A1
A0
Address
Function
–0.04 VCC1 to
0.1 VCC1
0
0
0
0
0
1
0
0
C0
C2
1st PLL
1st DAC
Open or 0.2
VCC1to0.3VCC1
0
0
1
1
0
1
0
0
C4
C6
2nd PLL
2nd DAC
0.42 VCC1 to
0.75 VCC1
1
1
0
0
0
1
0
0
C8
CA
3rd PLL
3rd DAC
0.9 VCC1 to 1.2
VCC1
1
1
1
1
0
1
0
0
CC
CE
4th PLL
4th DAC
PLL SECTION
Data Format and Bus Receiver
The circuit receives the information for tuning and control
via I2C Bus. The incoming information is treated in the bus
receiver. The definition of the permissible bus protocol is
shown in the four examples below:
Ex. 1
STA
CA1
CO
BA
STO
Ex. 2
STA
CA1
FM
FL
STO
Ex. 3
STA
CA1
CO
BA
FM
FL
STO
Ex. 4
STA
CA1
FM
FL
CO
BA
STO
STA = Start Condition
STO = Stop Condition
CA1 = Chip Address Byte of the PLL Section
CO = Data Byte for Control Information
BA = Band Information
FM = Data Byte for Frequency Information (MSB’s)
FL = Data Byte for Frequency Information (LSB’s)
Figure 6 shows the five bytes of information that are
needed for circuit operation: there is a chip address, two
bytes of control and band information and two bytes of
frequency information.


Similar Part No. - MC44864M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
   PLL Tuning Circuit with 1.3GHz Prescaler
MC44802AP MOTOROLA-MC44802AP Datasheet
467Kb / 7P
   PLL Tuning Circuit with 1.3GHz Prescaler
MC44817 MOTOROLA-MC44817 Datasheet
112Kb / 8P
   PLL Tuning Circuits with 3-Wire Bus
MC44817B MOTOROLA-MC44817B Datasheet
112Kb / 8P
   PLL Tuning Circuits with 3-Wire Bus
MC44817BD MOTOROLA-MC44817BD Datasheet
112Kb / 8P
   PLL Tuning Circuits with 3-Wire Bus
More results

Similar Description - MC44864M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44829 MOTOROLA-MC44829 Datasheet
140Kb / 10P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
   PLL Tuning Circuit with 1.3GHz Prescaler
logo
TEMIC Semiconductors
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
   1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U847BST TEMIC-U847BST Datasheet
54Kb / 5P
   1.3-GHz Prescaler for CATV Tuners
logo
Sanyo Semicon Device
LB3500 SANYO-LB3500 Datasheet
50Kb / 2P
   1/8 Prescaler for PLL Electronic Tuning
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com