Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1100D121C-TR-F Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1100D121C-TR-F
Description  ULTRA SMALL PACKAGE VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1100D121C-TR-F Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1100D121C-TR-F Datasheet HTML 7Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 8Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 9Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 10Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 11Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 12Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 13Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 14Page - RICOH electronics devices division R1100D121C-TR-F Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
R1100D
11
R1100D401C
-50
50
25
0
-25
100
75
Temperature Topt(
°C)
3.70
3.85
3.80
3.75
3.95
4.05
4.15
3.90
4.00
4.10
4.20
VIN=6.0V
IOUT=10mA
5) Supply Current vs. Input Voltage
R1100D091C
R1100D301C
15
4
3
26
Input Voltage VIN(V)
0.00
0.40
0.30
0.20
0.10
0.60
0.80
0.50
0.70
0.90
Topt=25
°C
35
6
5
4
46
Input Voltage VIN(V)
0.00
0.60
0.40
0.20
1.00
1.40
0.80
1.20
1.60
Topt=25
°C
R1100D401C
4.0
5.0
5.5
4.5
6.0
Input Voltage VIN(V)
0.00
0.60
0.40
0.20
1.00
1.40
0.80
1.20
1.60
Topt=25
°C


Similar Part No. - R1100D121C-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100DXX1C-TR-F NISSHINBO-R1100DXX1C-TR-F Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - R1100D121C-TR-F

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com