Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1122N301A-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1122N301A-TR-FE
Description  LOW NOISE 150mA LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1122N301A-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1122N301A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1122N301A-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
R1122N
8
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a capacitor COUT with good frequency characteristics and ESR (Equivalent Series
Resistance).
(Note: When the additional ceramic capacitors are connected to the output pin with the output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with the same external
components as the ones to be used on the PCB.)
Recommended Capacitors ; GRM40X5R225K6.3 (Murata)
GRM40-034X5R335K6.3 (Murata)
GRM40-034X5R475K6.3 (Murata)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, picking up the noise or unstable operation may
result. Connect a capacitor with a capacitance of 2.2
μF or more between VDD and GND pin as close as possible.
Set external components, especially output capacitor as close as possible to the ICs and make wiring as short
as possible.
TYPICAL APPLICATION
IN
VDD
VOUT
GND
R1122Nxx1A
Series
CE
OUT
Cap.
+
Cap.
+
IN
VDD
VOUT
GND
R1122Nxx1B
Series
CE
OUT
Cap.
+
Cap.
+
(External Components)
Output Capacitor ; Ceramic 2.2
μF (Set output voltage in the range from 2.5 to 5.0V)
Ceramic 4.7
μF (Set output voltage in the range from 1.5 to 2.5V)
Input Capacitor ;
Ceramic 2.2
μF


Similar Part No. - R1122N301A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1122N301A-TR RICOH-R1122N301A-TR Datasheet
295Kb / 22P
   LOW NOISE 150mA LDO REGULATOR???
More results

Similar Description - R1122N301A-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com