Electronic Components Datasheet Search |
|
R1111N351B-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division |
|
R1111N351B-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division |
1 / 18 page R1111N SERIES LOW NOISE 150mA LDO REGULATOR NO.EA-057-120206 1 OUTLINE The R1111N Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high Ripple Rejection. Each of these voltage regulator ICs consists of a voltage reference unit, an error amplifier, resistors, a current limit circuit, and a chip enable circuit. These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient response of the R1111N Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment. The output voltage of these ICs is fixed with high accuracy. Since the package for these ICs is SOT-23-5 (Mini-mold) package , high density mounting of the ICs on boards is possible. FEATURES • Supply Current ............................................................Typ. 35μA • Standby Mode .............................................................Typ. 0.1μA • Dropout Voltage ..........................................................Typ. 0.2V (IOUT=100mA) • Ripple Rejection..........................................................Typ. 70dB(f=1kHz) • Output Voltage ............................................................1.5V to 5.0V (0.1V steps) (For other voltages, please refer to MARK INFORMATIONS.) • Output Voltage Accuracy.............................................±2.0% • Low Temperature-Drift Coefficient of Output Voltage..Typ. ±100ppm/°C • Line Regulation ...........................................................Typ. 0.05%/V • Package ....................................................................SOT-23-5 • Built-in chip enable circuit ( 2 types; A: active “L”, B: active “H”) • Built-in Fold Back Protection Circuit .......................... Typ. 50mA (Current at short mode) • Pin-out.........................................................................Similar to the LP2980 APPLICATIONS • Power source for cellular phones such as GSM, CDMA and various kinds of PCSs. • Power source for electrical appliances such as cameras, VCRs and camcorders. • Power source for battery-powered equipment. |
Similar Part No. - R1111N351B-TR-FE |
|
Similar Description - R1111N351B-TR-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |