Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1131D082B-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1131D082B-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D082B-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1131D082B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D082B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
R1131x SERIES
Low Voltage 300mA LDO REGULATOR
NO.EA-116-130530
1
OUTLINE
The R1131x Series are CMOS-based low voltage regulator ICs with output voltage range from 0.8V to 3.3V.
The minimum operating voltage is 1.4V. Each of these voltage regulator ICs consists of a voltage reference unit,
an error amplifier, resistors for setting output voltage, a current limit circuit, and a chip enable circuit.
To prevent the destruction by over current, current limit circuit is included. Standby mode realizes ultra small
consumption current.
The output voltage of these ICs is internally fixed with high accuracy. Since the packages for these ICs are
SOT-23-5, SON-6, and HSON-6, high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ..................................................Typ. 80μA (VOUT < 1.8V)
Typ. 60
μA (VOUT ≥ 1.8V)
• Standby Mode ...................................................Typ. 0.1μA
• Dropout Voltage ................................................Typ. 0.48V(IOUT=300mA Output Voltage=1.0V Type)
Typ. 0.31V(IOUT
=300mA Output Voltage=1.5V Type)
Typ. 0.23V(IOUT
=300mA Output Voltage=3.0V Type)
• Ripple Rejection................................................Typ. 65dB(f=1kHz)
• Temperature-Drift Coefficient of Output Voltage........Typ. ±100ppm/°C
• Line Regulation .................................................Typ. 0.01%/V
• Output Voltage Accuracy...................................±2.0%
• Output Voltage Range.......................................0.8V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Input Voltage Range .........................................1.4V to 6.0V
• Packages .........................................................SOT-23-5, SON-6, HSON-6
• Built-in fold-back protection circuit ....................Typ. 50mA (Current at short mode)
• External Capacitors...........................................CIN=COUT=Tantalum 1.0μF (VOUT < 1.0V)
CIN
=COUT=Ceramic 1.0μF (VOUT ≥ 1.0V)
APPLICATIONS
• Precision Voltage References.
• Power source for electrical appliances such as cameras, VCRs and hand-held communication equipment.
• Power source for battery-powered equipment.
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D082B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D082B RICOH-R1131D082B Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com