Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1154L075B-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1154L075B-TR-FE
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154L075B-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1154L075B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1154L075B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R1154x
9
R1154x001C
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
24
V
VOUT
Output Voltage
VIN
VSET2.0V, IOUT20mA
2.45
2.50
2.55
V
IOUT
Output Current
VIN
VSET2.0V
140
mA
ISS
Supply Current
VIN
VSET2.0V, VCEVIN
5
10
A
Istandby
Standby Current
VIN
24V, VCE0V
0.1
1.0
A
VOUT/IOUT
Load regulation
VIN
VSET2.0V,
1mA
 IOUT  40mA
20
50
mV
VOUT/VIN
Line regulation
VSET
1V  VIN  24V,
IOUT
20mA
0.05
0.20
%/V
VDIF
Dropout Voltage
IOUT
20mA
0.20
0.40
V
VOUT/
Topt
Output Voltage
Temperature Coefficient
VIN
VSET2.0V, IOUT20mA,
40°C  Topt  105°C
100
ppm/
C
ISC
Short Current Limit
VOUT
0V
45
mA
VCEH
CE “H” Input Voltage
2.1
VIN
V
VCEL
CE “L” Input Voltage
0
0.3
V
TSD
Thermal Shutdown
Temperature
Junction Temperature
150
C
TSR
Thermal Shutdown
Released Temperature
Junction Temperature
125
C
The above specifications measured at the condition of VOUT
VADJ.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1154L075B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1154L025-TR NISSHINBO-R1154L025-TR Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154L075B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com