Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1155N075B-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1155N075B-TR-FE
Description  150 mA 24 V Input High Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1155N075B-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1155N075B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1155N075B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
R1155x Series
150 mA 24 V Input High Voltage Regulator
NO.EA-270-150702
1
OUTLINE
The R1155x is a CMOS-based 24 V input voltage regulator featuring 150 mA output that provides high output
voltage accuracy and low supply current. Internally, the R1155x consists of a voltage reference unit, an error
amplifier, and a resistor net for setting output voltage. As protection circuits, the R1155x contains a current limit
circuit, a fold-back protection circuit, a thermal shutdown circuit and a reverse current protection circuit.
The R1155x is available in the fixed output voltage type (R1155xxxxB), and the adjustable output voltage type
(R1155x001C). The output voltage accuracy for the fixed output voltage type is as high as ±2.0%.
The R1155x is offered in a 5-pin SOT-89-5 package and a 5-pin SOT-23-5 package.
FEATURES
Supply Current ········································· Typ. 7.5 µA (VIN = 6.0 V or 3.0 V)
Standby Current········································ Typ. 0.1 µA
Output Current·········································· Min. 150 mA (VIN = 6.0 V or 3.0 V)
Output Voltage Accuracy····························· ±2.0%
Package·················································· SOT-23-5, SOT-89-5
Input Voltage Range ·································· Max. 24.0 V
Output Voltage Range ································ Fixed Output Voltage Type: 2.5 V to 12.0 V
Adjustable Output Voltage Type: 2.5 V, 2.5 V to 23.0 V
using external resistor
Fold-back Protection Circuit························· Typ. 30 mA
Thermal Shutdown Circuit
Reverse Current Protection Circuit
Ceramic Capacitor Capable························· COUT = 4.7 µF or more
APPLICATIONS
Power source for home appliances (refrigerators, rice cookers, electric water warmers, etc.)
Power source for in-car audio systems, in-car navigation systems, ETC systems, and reset circuits
Power source for laptop personal computers, digital TVs, cordless phones, and private LAN systems for
home, and reset circuits
Power source for copiers, printers, facsimiles, scanners, and reset circuits


Similar Part No. - R1155N075B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155N075B NISSHINBO-R1155N075B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
R1155N075B NISSHINBO-R1155N075B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results

Similar Description - R1155N075B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com