Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1155N025C-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1155N025C-TR-FE
Description  150 mA 24 V Input High Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1155N025C-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1155N025C-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
R1155x
NO.EA-270-150702
8
THEORY OF OPERATION
Power Activation
When starting up the IC using the input voltages of the VDD and CE pins simultaneously with no load, the both
pin voltages have to be 0.06 V/ ms or faster. When starting up the IC using the both pin voltages at 0.06 V/ ms
or slower with no load, the VDD pin has to be started up before the CE pin.
Thermal Shutdown Circuit
The R1155x contains a thermal shutdown circuit, which stops regulator operation if the junction temperature
of the R1155x becomes higher than 145
°C (Typ.). Additionally, if the junction temperature after the regulator
being stopped decreases to a level below 120
°C (Typ.), it restarts regulator operation. As a result the operation
of the thermal shutdown circuit causes the regulator repeatedly to turn off and on until the causes of
overheating are removed. As a consequence a pulse shaped output voltage occurs.
Reverse Current Protection Circuit
The R1155x includes a reverse current protection circuit, which stops the reverse current flowing from the
VOUT to VDD pins or to GND pin when VOUT becomes more than VIN.
Usually, the LDO using Pch output transistor contains a parasitic diode between VDD pin and VOUT pin.
Therefore, if VOUT is more than VIN, the parasitic diode becomes forward direction. As a result, the current flows
from VOUT pin to VDD pin.
The R1155x switches the mode to the reverse current protection mode before VIN becomes smaller than VOUT
by connecting the parasitic diode of Pch output transistor to the backward direction, and connecting the gate
to VOUT pin. As a result, the Pch output transistor is turned off and the all the current pathways from VOUT
pin to GND pin are shut down to maintain the reverse current lower than [IREV] of the Electrical Characteristics.
Switching to either the normal mode or to the reverse current protection mode is determined by the magnitude
of VIN voltage and VOUT voltage. For the stable operation, offset and hysteresis are set as the threshold. The
detection/ release thresholds of both normal and reverse current protection modes are specified by [VREV_DET]
and [VREV_REL] of the Electrical Characteristics. Therefore, the minimum dropout voltage under the small load
current condition is restricted by the value of [VREV_REL].
Figure 7 and Figure 8 show the normal operation mode and reverse current protection mode, respectively.
Figure 9 shows the detection/ release timing of reverse current protection function. When giving the VOUT pin
a constant-voltage and decreasing the VIN voltage, the dropout voltage will become lower than the [VREV_DET].
As a result, the reverse current protection starts to function to stop the load current. By increasing the dropout
voltage more than the [VREV_REL], the protection mode will be released to let the load current to flow. If the
dropout voltage to be used is smaller than [VREV_REL], the detection and the release may be repeated.
The operation coverage of the reverse current protection circuit is VOUT ≥ 1.5 V. However, under the condition
of VIN = 0 V, always the reverse current protection mode is operating.


Similar Part No. - R1155N025C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155N025B NISSHINBO-R1155N025B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results

Similar Description - R1155N025C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com