Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1155N050C-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1155N050C-TR-FE
Description  150 mA 24 V Input High Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1155N050C-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1155N050C-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1155N050C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
R1155x
NO.EA-270-150702
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Symbol
Item
Rating
Unit
VIN
Input Voltage
−0.3 to 26
V
VCE
Input Voltage (CE Pin)
−0.3 to VIN +0.3
V
VOUT
Output Voltage
−0.3 to 26
V
VVFB
Output Voltage (VFB Pin)
−0.3 to 26
V
IOUT
Output Current
350
mA
PD
Power Dissipation (Standard Land Pattern)1
SOT-23-5
420
mW
SOT-89-5
900
Tj
Junction Temperature
−40 to 125
C
Tstg
Storage Temperature Range
−55 to 125
C
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the life time and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Ratings
Symbol
Item
Ratings
Unit
Ta
Operating Temperature Range
−40 to 105
°C
VIN
Input Voltage
3.5 to 24
V
RECOMMENDED OPERATING RATINGS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating ratings. The semiconductor devices cannot operate normally over the recommended
operating ratings, even if when they are used over such ratings by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended
operating ratings.
1 Refer to POWER DISSIPATION in SUPPLEMENTSRY ITEMS for detail information.


Similar Part No. - R1155N050C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155N050B NISSHINBO-R1155N050B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
R1155N050B NISSHINBO-R1155N050B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results

Similar Description - R1155N050C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com