Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1155N075C-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1155N075C-TR-FE
Description  150 mA 24 V Input High Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1155N075C-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1155N075C-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1155N075C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
R1155x
NO.EA-270-150702
7
ELECTRICAL CHARACTERISTICS (continued)
VIN = VCE = VSET + 3.0 V, COUT = 4.7 μF, IOUT = 1 mA, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at −40°C ≤ Ta ≤ 105°C.
R1155xxxxB, R1155x001C Electrical Characteristics
(Ta = 25
C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
IREV
Reverse Current Limit
CE = GND,
VIN = VSET + 0.02 V
2.5 ≤ VSET < 5 V
1.0
3.5
A
5 ≤ VSET ≤ 12 V
2.0
6.0
A
VREV_DET
Reverse Current Protection
Mode Detection Offset1
VREV = VDD - VOUT
0 ≤ VIN ≤ 24.0 V, VOUT ≥ 2.0 V
20
mV
VREV_REL
Reverse Current Protection
Mode Release Offset1
0 ≤ VIN ≤ 24.0 V, VOUT ≥ 2.0 V
220
mV
All test items listed under ELECTRICAL CHARACTERISTICS are done under the pulse load condition (Tj ≈Ta = 25°C) except
for Ripple Rejection and Output Voltage Temperature Coefficient.
1 The operation of reverse current protection circuit is guaranteed when VOUT ≥ 2.0 V. The reverse current protection
mode is always turned on when VIN = 0 V.


Similar Part No. - R1155N075C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155N075B NISSHINBO-R1155N075B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
R1155N075B NISSHINBO-R1155N075B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results

Similar Description - R1155N075C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com