Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1131D251D-TR-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1131D251D-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D251D-TR-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1131D251D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D251D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
R1131x
4
PIN CONFIGURATIONS
SOT-23-5
SON-6
HSON-6
1
2
3
4
5
(mark side)
Top View
Bottom View
6 5 4
4 5 6
1 2 3
3 2 1
Top View
Bottom View
65
4
4
5
6
12
3
3
2
1
PIN DESCRIPTIONS
SOT-23-5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE or CE
Chip Enable Pin
4
NC
No Connection
5
VOUT
Output pin
SON-6, HSON-6
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
NC
No Connection
3
VOUT
Output pin
4
NC
No Connection
5
GND
Ground Pin
6
CE or CE
Chip Enable Pin
∗) Tab and tab suspension leads are GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
The tab suspension leads do not be connect to other wires or land patterns.
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D251D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D251D RICOH-R1131D251D Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com