Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1131D301D-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1131D301D-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D301D-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1131D301D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D301D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
R1131x
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VCE
Input Voltage( CE /CE Pin)
−0.3 to 6.5
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
350
mA
Power Dissipation (SOT-23-5)
420
Power Dissipation (SON-6)
500
PD
Power Dissipation (HSON-6)
900
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
∗) For Power Dissipation please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D301D RICOH-R1131D301D Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com