Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1160D081A-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1160D081A-TR-FE
Description  3-MODE 200mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160D081A-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1160D081A-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1160D081A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
R1160x
3
PIN CONFIGURATION
SOT-23-5
SON-6
1
4
5
2
3
(mark side)
654
12
3
Top View
Bottom View
4
5
6
3
2
1
PIN DESCRIPTIONS
SOT-23-5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE or CE
Chip Enable Pin
4
ECO
MODE alternative pin
5
VOUT
Output Pin
SON-6
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
NC
No Connection
3
VOUT
Output Pin
4
ECO
MODE alternative pin
5
GND
Ground Pin
6
CE or CE
Chip Enable Pin
∗) Tab suspension leads are GND level. (They are connected to the reverse side of this IC.)
The tab suspension leads should be open and do not connect to other wires or land patterns.
*R1160D (SON-6) is the discontinued product. As of March in 2015.


Similar Part No. - R1160D081A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
More results

Similar Description - R1160D081A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1160X NISSHINBO-R1160X Datasheet
425Kb / 31P
   3-MODE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160N RICOH-R1160N Datasheet
1Mb / 27P
   SOT23-5 3-MODE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Nisshinbo Micro Devices...
RP202X NISSHINBO-RP202X Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com