Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1163K201D-TR-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1163K201D-TR-FE
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163K201D-TR-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1163K201D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1163K201D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
R1163x
2
BLOCK DIAGRAM
R1163xxx1B
R1163xxx1D
VDD
GND
VOUT
ECO
CE
Vref
Current Limit
Reverse Detector
VDD
GND
VOUT
ECO
CE
Vref
Current Limit
Reverse
Detector
R1163xxx1E
VDD
GND
VOUT
ECO
CE
Vref
Current Limit
Reverse Detector


Similar Part No. - R1163K201D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163K201D RICOH-R1163K201D Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163K201D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com