Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1171S301A-E2-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1171S301A-E2-FE
Description  2.0A/1.5A LDO REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1171S301A-E2-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1171S301A-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1171S301A-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
R1171x SERIES
2.0A/1.5A LDO REGULATOR
NO. EA-125-111027
1
OUTLINE
The R1171x Series are CMOS-based positive voltage regulator ICs. The R1171x Series have features of low
dropout voltage, high output voltage accuracy, low consumption current. Each of these ICs consists of a voltage
reference unit, an error amplifier, resistor net for setting output voltage, a current limit circuit at short mode, a
chip enable circuit, and thermal shutdown circuit. The output voltage of R1171 is fixed in the IC.
Low consumption current by the merit of CMOS process and built-in transistors with low ON-resistance make
low dropout voltage and chip enable function prolongs the battery life. These regulators are remarkable
improvement on the current regulators in terms of input transient response, and load transient response.
Thus, the R1171x Series are suitable for various power sources.
Since the packages for these ICs are high wattage HSOP-6J package, TO-252-5-P1, high density mounting of
the ICs on boards is possible.
FEATURES
• Supply Current ............................................................. Typ. 130μA
• Standby Current ........................................................... Typ. 0.1μA
• Output Current ............................................................. Min. 1.5A (VIN=VOUT+1.0V, R1171Sxx1A/B)
Min. 2.0A (VIN
=VOUT+1.0V, R1171Jxx1C/D)
• Input Voltage ................................................................ 2.1V to 6.0V
• Output Voltage ............................................................. 1.5V to 5.0V (0.1V steps) (R1171Sxx1A/B)
1.8V to 5.0V (0.1V steps) (R1171Jxx1C/D)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy.............................................. ± 2.0%
• Dropout Voltage ........................................................... Typ. 0.09V (VOUT=3.0V, IOUT=300mA)
• Temperature-drift Coefficient of Output Voltage........... Typ. ± 100ppm/°C
• Line Regulation ............................................................ Typ. 0.05%/V
• Packages ..................................................................... HSOP-6J, TO-252-5-P1
• Built-in Current Limit Circuit
• Built-in Thermal Shutdown Circuit
• Ceramic capacitor for phase compensation ................ CIN=COUT=Ceramic 10μF (VOUT<1.8V)
CIN
=COUT=Ceramic 4.7μF (VOUT >
= 1.8V)
APPLICATIONS
• Local Power source for Notebook PC.
• Local Power source for portable appliances, cameras, and videos.
• Local Power source for equipment of battery-use.
• Local Power source for home appliances.


Similar Part No. - R1171S301A-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1171S301A RICOH-R1171S301A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
More results

Similar Description - R1171S301A-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1171X NISSHINBO-R1171X Datasheet
661Kb / 24P
   2.0A/1.5A LDO REGULATOR
logo
RICOH electronics devic...
R1171S151A RICOH-R1171S151A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
Rohm
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
   1.5A CMOS Ultra LDO Voltage Regulator
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com