Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1171S301B-E2-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1171S301B-E2-FE
Description  2.0A/1.5A LDO REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1171S301B-E2-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1171S301B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 13Page - RICOH electronics devices division R1171S301B-E2-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
R1171x
10
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt=25
°C)
R1171S151x
R1171S201x
0
2500 3000
1500 2000
1000
500
3500
Output Current IOUT(mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1.6
VIN=2.5V
VIN=2.0V
VIN=3.5V
0
2500 3000
1500 2000
1000
500
3500
Output Current IOUT(mA)
0
0.5
1.0
1.5
2.0
2.5
VIN=2.5V
VIN=4.0V
VIN=3.0V
R1171S301x
R1171S501x
0
2500 3000
1500 2000
1000
500
3500
Output Current IOUT(mA)
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
VIN=4.0V
VIN=3.5V
VIN=5.0V
0
2500 3000
1500 2000
1000
500
3500
Output Current IOUT(mA)
0
1
2
3
4
5
6
VIN=5.5V
VIN=6.0V
R1171J181x
R1171J501x
0
2500 3000
1500 2000
1000
500
3500
Output Current IOUT(mA)
VIN=2.3V
VIN=2.8V
VIN=3.8V
0
2.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
0
2500 3000
1500 2000
1000
500
3500
Output Current IOUT(mA)
0
1
2
3
4
5
6
VIN=5.5V
VIN=6.0V


Similar Part No. - R1171S301B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1171S301A RICOH-R1171S301A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
More results

Similar Description - R1171S301B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1171X NISSHINBO-R1171X Datasheet
661Kb / 24P
   2.0A/1.5A LDO REGULATOR
logo
RICOH electronics devic...
R1171S151A RICOH-R1171S151A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
Rohm
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
   1.5A CMOS Ultra LDO Voltage Regulator
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com