Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1161N301D-TR-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1161N301D-TR-FE
Description  3-MODE 300mA LDO REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161N301D-TR-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1161N301D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1161N301D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
R1161x
4
PIN CONFIGURATIONS
SOT-23-5
SON-6
HSON-6
1
2
3
4
5
(mark side)
Top View
Bottom View
13
6
2
54
31
4
2
56
Top View
Bottom View
64
1
5
23
46
3
5
21
PIN DESCRIPTIONS
SOT-23-5
Pin No.
Symbol
Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE or CE
Chip Enable Pin
4
ECO
MODE alternative pin
5
VOUT
Output pin
SON-6, HSON-6
Pin No.
Symbol
Description
1
VDD
Input Pin
2
NC
No Connection
3
VOUT
Output pin
4
ECO
MODE alternative pin
5
GND
Ground Pin
6
CE or CE
Chip Enable Pin
∗) Tab and tab suspension leads are GND level. (They are connected to the reverse side of the IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
The tab suspension leads should be open and do not connect to other wires or land patterns.
*R1116Dxx1 (SON-6) is the limited product and R1116Dxx2 (HSON-6) is the discontinued product. As of March in 2015.


Similar Part No. - R1161N301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161N301D RICOH-R1161N301D Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161N301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com