Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1161N082D-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1161N082D-TR-FE
Description  3-MODE 300mA LDO REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161N082D-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1161N082D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1161N082D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
R1161x SERIES
3-MODE 300mA LDO REGULATOR
NO.EA-106-140530
1
OUTLINE
The R1161x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, low supply
current, and low ON-resistance. Each of these voltage regulator ICs consists of a voltage reference unit, an error
amplifier, resistors for setting output voltage, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. To prevent the destruction by over
current, current limit circuit is included. The R1161x Series have 3-mode. One is standby mode with CE or
standby control pin. Standby mode realizes ultra small consumption current off mode. Other two modes are
realized with ECO pin. Fast Transient Mode (FT mode) and Low Power Mode (LP mode) are alternative with
ECO pin. Consumption current is reduced at Low Power Mode compared with Fast Transient Mode. Output
voltage is maintained between FT mode and LP mode.
The output voltage of these ICs is internally fixed with high accuracy. Since the packages for these ICs are
SOT-23-5, SON-6, and HSON-6, high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ..................................................Typ. 3.5μA (Low Power Mode, VOUT<1.6V),
Typ. 80
μA (Fast Transient Mode, VOUT<1.8V)
Typ. 60
μA (Fast Transient Mode, VOUT ≥ 1.8V)
• Standby Mode ...................................................Typ. 0.1μA
• Dropout Voltage ................................................Typ. 0.48V (IOUT=300mA Output Voltage=1.0V Type)
Typ. 0.31V (IOUT
=300mA Output Voltage=1.5V Type)
Typ. 0.23V (IOUT
=300mA Output Voltage=3.0V Type)
• Ripple Rejection................................................Typ. 65dB (f=1kHz, FT Mode)
• Temperature-Drift Coefficient of Output Voltage Typ. ±100ppm/°C
• Line Regulation .................................................Typ. 0.01%/V (at Fast Transient Mode)
• Output Voltage Accuracy...................................±2.0%(±3.0% at LP Mode)
• Packages .........................................................SOT-23-5, SON-6,
HSON-6
• Output Voltage ..................................................0.8V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Input Voltage .....................................................Min. 1.40V (VOUT 1.0V)
Min. 1.45V (VOUT<1.0V)
• Built-in fold-back protection circuit ....................Typ. 50mA (Current at short mode)
• External Capacitors...........................................CIN = COUT = Tantalum 1.0μF (VOUT<1.0V)
CIN
= COUT =Ceramic 1.0μF (VOUT ≥ 1.0V)
APPLICATIONS
• Precision Voltage References.
• Power source for electrical appliances such as cameras, VCRs and hand-held communication equipment.
• Power source for battery-powered equipment.
*R1116Dxx1 (SON-6) is the limited product and R1116Dxx2 (HSON-6) is the discontinued product. As of March in 2015.


Similar Part No. - R1161N082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
R1161N081B RICOH-R1161N081B Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
R1161N081D RICOH-R1161N081D Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161N081L-TR-FE NISSHINBO-R1161N081L-TR-FE Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161N082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com