Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1172N401D-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1172N401D-TR-FE
Description  SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1172N401D-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1172N401D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1172N401D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
R1172x
3
PIN CONFIGURATIONS
SOT-23-5
SOT-89-5
HSON-6
HSOP-6J
1
4
5
2
3
(mark side)
1
3
5
4
2
Top View
Bottom View
45
6
32
1
65
4
12
3
1
3
6
4
2
5
PIN DESCRIPTIONS
• SOT-23-5
Pin No.
Symbol
Description
1
VOUT
Voltage Regulator Output Pin
2
GND
Ground Pin
3
VDD
Input Pin
4
NC
No Connection
5
CE or CE
Chip Enable Pin
• SOT-89-5
Pin No.
Symbol
Description
1
CE or CE
Chip Enable Pin
2
GND
Ground Pin
3
NC
No Connection
4
VDD
Input Pin
5
VOUT
Voltage Regulator Output Pin
• HSON-6
Pin No.
Symbol
Description
1
VOUT*1
Voltage Regulator Output Pin
2
VOUT*1
Voltage Regulator Output Pin
3
CE or CE
Chip Enable Pin
4
GND
Ground Pin
5
VDD*1
Input Pin
6
VDD*1
Input Pin
∗) Tab and tab suspension leads in the
parts are GND level.
(They are connected to the reverse side of the IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
The tab suspension leads should be open and do not connect to other wires or land patterns.
∗1) The VOUT pin and VDD pin must be wired each other when it is mounted on board.


Similar Part No. - R1172N401D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172N401D RICOH-R1172N401D Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
More results

Similar Description - R1172N401D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
logo
Unisonic Technologies
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
   1A Low-Voltage 關Cap LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com