Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHBT-BGA-7002 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CHBT-BGA-7002
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CHBT-BGA-7002 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CHBT-BGA-7002 Datasheet HTML 1Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 2Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 3Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 4Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.1125 *
1.8625
2.54
17.725±0.050
1.250±0.125 (x2)
5.08
39.225±0.125
Socket base size
0.50 typ.
1.6125 *
21.7250±0.1250 (x4)
Backing plate
0.85±0.05 (x2)
Non plated alignment hole
1.71±0.10 (x4)
Non plated mounting hole
0.25 pad (x528)
21.725
Backing Plate
20.475±0.125
20.225±0.125
32.600±0.125
Socket Base size
Orientation Mark
Note: BGA pattern is shifted to the right by
0.25mm with respect to the mounting holes.
Max Component Ht. 15mm
Max Component Ht. 3.4mm
Max Component Ht. 2.4mm--close latch
Max Component Ht. 3.2mm--open latch
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: same or higher
than solder mask
Keep out area
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 2/13/13
Material: Material <not specified>
Finish:
Weight: 67.00
CHBT-BGA-7002 Drawing
SCALE: 3:1
SHEET: 2 OF 5
ENG: S. Huang
FILE: CHBT-BGA-7002
DRAWN BY: S. Huang


Similar Part No. - CHBT-BGA-7002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CHBT-BGA-7000 IRONWOOD-CHBT-BGA-7000 Datasheet
415Kb / 5P
   Low and stable contact resistance for reliable production yield
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CHBT-BGA-7002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com