Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1121N40B1-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1121N40B1-TR-FE
Description  LOW NOISE 150mA LDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1121N40B1-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1121N40B1-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1121N40B1-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
R1121N
5
R1121Nxx1B
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
= Set VOUT + 1V
1mA <
= IOUT <
= 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
ΔVOUT/ΔIOUT
Load Regulation
VIN
= Set VOUT + 1V
1mA <
= IOUT <
= 80mA
12
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
ISS
Supply Current
VIN
= Set VOUT + 1V
35
70
μA
Istandby
Supply Current (Standby)
VIN
= Set VOUT + 1V
VCE =GND
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
Set VOUT
+ 0.5V <
= VIN <
= 8.0V
IOUT
= 30mA
0.05
0.20
%/V
RR
Ripple Rejection
f = 1kHz, Ripple 0.5Vp-p
VIN = Set VOUT + 1V
70
dB
VIN
Input Voltage
2.0
8.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
= 30mA
40°C <
= Topt <
= 85°C
±100
ppm/
°C
ISC
Short Current Limit
VOUT
= 0V
50
mA
RPD
CE Pull-down Resistance
2.5
5.0
10.0
M
Ω
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0.00
0.25
V
en
Output Noise
BW
=10Hz to 100kHz
30
μVrms
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1121N40B1-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1121N401A RICOH-R1121N401A Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N401A-TL RICOH-R1121N401A-TL Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N401A-TR RICOH-R1121N401A-TR Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N401B RICOH-R1121N401B Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N401B-TL RICOH-R1121N401B-TL Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
More results

Similar Description - R1121N40B1-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com