Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS04J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS04J
Description  HEX INVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS04J Datasheet(HTML) 1 Page - Texas Instruments

  SN54LS04J Datasheet HTML 1Page - Texas Instruments SN54LS04J Datasheet HTML 2Page - Texas Instruments SN54LS04J Datasheet HTML 3Page - Texas Instruments SN54LS04J Datasheet HTML 4Page - Texas Instruments SN54LS04J Datasheet HTML 5Page - Texas Instruments SN54LS04J Datasheet HTML 6Page - Texas Instruments SN54LS04J Datasheet HTML 7Page - Texas Instruments SN54LS04J Datasheet HTML 8Page - Texas Instruments SN54LS04J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN5404, SN54LS04, SN54S04,
SN7404, SN74LS04, SN74S04
HEX INVERTERS
SDLS029B – DECEMBER 1983 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Dependable Texas Instruments Quality and
Reliability
description
These devices contain six independent inverters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN5404 . . . J PACKAGE
SN54LS04, SN54S04 . . . J OR W PACKAGE
SN7404 . . . D, N, OR NS PACKAGE
SN74LS04 . . . D, DB, N, OR NS PACKAGE
SN74S04 . . . D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
2Y
2A
VCC
3A
3Y
4A
1Y
6A
6Y
GND
5Y
5A
4Y
SN5404 . . . W PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LS04, SN54S04 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54LS04J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS04J MOTOROLA-SN54LS04J Datasheet
46Kb / 2P
   HEX INVERTER
logo
Texas Instruments
SN54LS04J TI-SN54LS04J Datasheet
241Kb / 7P
[Old version datasheet]   These devices contain six independent inverters
SN54LS04J TI-SN54LS04J Datasheet
626Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54LS04J TI1-SN54LS04J Datasheet
1Mb / 25P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN54LS04J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com