Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1163K451B-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1163K451B-TR
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163K451B-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1163K451B-TR Datasheet HTML 7Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 8Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 9Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 10Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 11Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 12Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 13Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 14Page - RICOH electronics devices division R1163K451B-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
R1163x
11
TYPICAL CHARACTERISTICS
Unless otherwise provided, capacitors are ceramic type.
1) Output Voltage vs. Output Current
R1163x151x ECO=H
R1163x151x ECO=L
0
300
200
100
400
Output Current IOUT(mA)
0.0
0.2
0.4
0.6
0.8
1.2
1.0
1.4
1.6
VIN=2V
VIN=2.5V 3.5V
0
300
200
100
400
Output Current IOUT(mA)
0.0
0.2
0.4
0.6
0.8
1.2
1.0
1.4
1.6
VIN=2V
VIN=2.5V 3.5V
R1163x281x ECO=H
R1163x281x ECO=L
0
300
200
100
400
Output Current IOUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=3.1V
VIN=3.3V
VIN=3.8V 4.8V
0
300
200
100
400
Output Current IOUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=3.1V
VIN=3.3V
VIN=3.8V 4.8V
R1163x40x ECO=H
R1163x40x ECO=L
0
300
200
100
400
Output Current IOUT(mA)
0.0
0.5
1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
VIN=4.3V
VIN=4.5V
VIN=5V 6V
0
300
200
100
400
Output Current IOUT(mA)
0.0
0.5
1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
VIN=4.3V
VIN=4.5V
VIN=5V 6V


Similar Part No. - R1163K451B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163K401B RICOH-R1163K401B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K401D RICOH-R1163K401D Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K401E RICOH-R1163K401E Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163K451B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com