Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1163K501B-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1163K501B-TR
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163K501B-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1163K501B-TR Datasheet HTML 1Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 2Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 3Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 4Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 5Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 6Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 7Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 8Page - RICOH electronics devices division R1163K501B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
R1163x
4
PIN CONFIGURATIONS
DFN(PLP)1616-6
SOT-23-5
SON-6
1
2
3
6
5
4
32
1
4
5
6
Top View
Bottom View
12
3
4
5
(mark side)
Top View
Bottom View
6
5
4
4
5
6
1
2
3
3
2
1
PIN DISCRIPTIONS
DFN(PLP)1616-6
Pin No
Symbol
Pin Description
1
VOUT
Output pin
2
GND
Ground Pin
3
ECO/ECO
MODE alternative pin
4
CE
Chip Enable pin ("H" Active)
5
NC
No Connection
6
VDD
Input Pin
∗) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
SOT-23-5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
ECO/ECO
MODE alternative pin
5
VOUT
Output pin
SON-6
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
NC
No Connection
3
VOUT
Output pin
4
ECO/ECO
MODE alternative pin
5
GND
Ground Pin
6
CE
Chip Enable Pin ("H" Active)
*) Tab suspension leads are GND level. (They are connected to the reverse side of this IC.)
The tab suspension leads should be open and do not connect to other wires or land patterns.


Similar Part No. - R1163K501B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163K151B RICOH-R1163K151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K151D RICOH-R1163K151D Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K151E RICOH-R1163K151E Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K161B RICOH-R1163K161B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163K161D RICOH-R1163K161D Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163K501B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com