Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1163K151D-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1163K151D-TR
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163K151D-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1163K151D-TR Datasheet HTML 1Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 2Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 3Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 4Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 5Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 6Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 7Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 8Page - RICOH electronics devices division R1163K151D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R1163x SERIES
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
NO.EA-118-140724
1
OUTLINE
The R1163x Series consist of CMOS-based voltage regulator ICs with high output voltage accuracy and low
supply current. These ICs perform with the chip enable function and realize a standby mode with ultra low supply
current. To prevent the destruction by over current, the current limit circuit is included. The R1163x Series have
3-mode. One is standby mode with CE or standby control pin. Other two modes are realized with ECO pin. Fast
Transient Mode (FT mode) and Low Power Mode (LP mode) are alternative with ECO pin. Consumption current
is reduced at Low Power Mode compared with Fast Transient Mode. The output voltage is maintained between
FT mode and LP mode.
Further, the reverse current protection circuit is built-in. Therefore, if a higher voltage than VDD pin is forced to
the output pin, the reverse current to VDD pin is very small (Max. 0.1
μA) , so it is suitable for backup circuit.
Since the packages for these ICs are SOT-23-5, SON-6, and DFN(PLP)1616-6 packages, high density
mounting of the ICs on boards is possible.
FEATURES
• Supply Current ..................................................... Typ. 6.0μA (Low Power Mode),
Typ. 70
μA (Fast Transient Mode)
• Standby Mode ...................................................... Typ. 0.6μA
• Reverse Current................................................... Max. 0.1μA
• Input Voltage Range ............................................ 2.0V to 6.0V
• Output Voltage Range.......................................... 1.5V to 5.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy...................................... ±1.5% (±2.5% at Low Power Mode)
• Temperature-Drift Coefficient of Output Voltage .. Typ. ±100ppm/°C
• Dropout Voltage ................................................... Typ. 0.25V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection................................................... Typ. 70dB (f=1kHz, Fast Transient Mode)
• Line Regulation .................................................... Typ. 0.02%/V (Fast Transient Mode)
• Packages ............................................................ DFN(PLP)1616-6, SOT-23-5, SON-6
• Built-in fold-back protection circuit ....................... Typ. 40mA (Current at short mode)
• Performs with Ceramic Capacitors ...................... CIN=Ceramic 1.0μF, COUT=Ceramic 0.47μF
APPLICATIONS
• Precision Voltage References.
• Power source for electrical appliances such as cameras, VCRs and hand-held communication equipment.
• Power source for battery-powered equipment.


Similar Part No. - R1163K151D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163K151D RICOH-R1163K151D Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163K151D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com