Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1172D401B-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1172D401B-TR-FE
Description  SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1172D401B-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1172D401B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1172D401B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
R1172x
8
TYPICAL APPLICATION (R1172xxx1B/D)
C1
R1172x
Series
VDD
VOUT
CE
GND
C2
VOUT
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance).
The recommendation value is as follows.
Output Voltage C2 recommendation value
Components Recommendation
VOUT < 1.0V
Tantalum 4.7
μF or more
1.0 <
= VOUT <
= 3.3V
Ceramic 4.7
μF or more
Kyocera
Murata
Murata
4.7
μF (1608)
4.7
μF (1608)
10
μF (1608)
Part Number : CM105X5R475M06AB
Part Number : GRM188R60J475KE19B
Part Number : GRM188B30G106ME46B
3.3V < VOUT
Ceramic 4.7
μF or more
Kyocera
Murata
4.7
μF (thin 2012)
10
μF (2012)
Part Number : CT21X5R475M06AB
Part Number : GRM21BB30J106K
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 4.7
μF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.
If you use a tantalum type capacitor and ESR value of the capacitor is large, output might be unstable.
Evaluate your circuit with considering frequency characteristics.
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature
characteristics are different. Evaluate the circuit with actual using capacitors.


Similar Part No. - R1172D401B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172D081 RICOH-R1172D081 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172D351 RICOH-R1172D351 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172DXX1_-TR-FE NISSHINBO-R1172DXX1_-TR-FE Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
More results

Similar Description - R1172D401B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
logo
Unisonic Technologies
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
   1A Low-Voltage 關Cap LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com