Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5206CN Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS5206CN
Description  SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5206CN Datasheet(HTML) 5 Page - Texas Instruments

  TPS5206CN Datasheet HTML 1Page - Texas Instruments TPS5206CN Datasheet HTML 2Page - Texas Instruments TPS5206CN Datasheet HTML 3Page - Texas Instruments TPS5206CN Datasheet HTML 4Page - Texas Instruments TPS5206CN Datasheet HTML 5Page - Texas Instruments TPS5206CN Datasheet HTML 6Page - Texas Instruments TPS5206CN Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPS5206CN
SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
SLVS082A – APRIL 1994 – REVISED SEPTEMBER 1994
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference output voltage
IO = 5 mA
4.9
5
5.1
V
VIH(SC)
High-level input voltage, SC overcurrent
protection
SVP5 = 5 V,
SVP12 = 12 V,
SVN5 = – 5 V,
SVN12 = – 12 V,
VO(DT) ≥ 3.5 V
5.1
V
VIL(SC)
Low-level input voltage, SC overcurrent
protection
SVP5 = 5 V,
SVP12 = 12 V,
SVN5 = – 5 V,
SVN12 = – 12 V,
VO(DT) ≤ 0.4 V
4.9
V
SVP5
SVP12 = 12 V,
SVN12 = – 12 V,
SVN5 = – 5 V,
VO(DT) ≤ 0.4 V
3.5
3.9
4.5
VIT(UV)
Input threshold voltage,
SVP12
SVP5 = 5 V,
SVN12 = – 12 V,
SVN5 = – 5 V,
VO(DT) ≤ 0.4 V
9
9.5
10.5
V
VIT(UV)
g,
undervoltage sense
SVN5
SVP5 = 5 V,
SVN12 = – 12 V,
SVP12 = 12 V,
VO(DT) ≤ 0.4 V
–3
– 3.4
–4
V
SVN12
SVP5 = 5 V,
SVN5 = – 5 V,
SVP12 = 12 V,
VO(DT) ≤ 0.4 V
–8
– 9.3
–10
SVP5
SVP12 = 12 V,
SVN12 = – 12 V,
SVN5 = – 5 V,
VO(DT) ≤ 0.4 V
5.5
5.9
6.3
VIT(OV)
Input threshold voltage,
SVP12
SVP5 = 5 V,
SVN12 = – 12 V,
SVN5 = – 5 V,
VO(DT) ≤ 0.4 V
13.5
14.1
14.8
V
VIT(OV)
g,
overvoltage sense
SVN5
SVP5 = 5 V,
SVN12 = – 12 V,
SVP12 = 12 V,
VO(DT) ≤ 0.4 V
–7
– 8.4
–9
V
SVN12
SVP5 = 5 V,
SVN5 = – 5 V,
SVP12 = 12 V,
VO(DT) ≤ 0.4 V
–14
– 15.3
–16
VOL(D1),
Low level output voltage output drivers
VO(DT) ≥ 35 V
IOL = 0
0.4
V
OL(D1),
VOL(D2)
Low-level output voltage, output drivers
VO(DT) ≥ 3.5 V
IOL = 150 mA
1.6
2.5
V
VO(DT)
Dead-time output voltage
SVP5 = 7 V,
IO(DT) = –250 µA
3.5
V
VIH(PGI)
High-level input voltage, PGI
VO(PGO) ≥ 4 V,
See Figure 3
2.8
V
VIL(PGI)
Low-level input voltage, PGI
VO(PGO) ≤ 0.4 V,
See Figure 3
2.42
V
VIH(CPG)
High-level input voltage, CPG
VI(PGI) = 4 V,
See Figure 4
VO(PGO) ≥ 4 V,
2.95
V
VIL(CPG)
Low-level input voltage, CPG
VI(PGI) = 4 V,
See Figure 4
VO(PGO) ≤ 0.4 V,
2.6
V
VOH(PGO) High-level output voltage, PGO
VCPG = 4 V,
IO(PGO) = – 240 µA,
See Figure 5
4.75
V
VOL(PGO)
Low-level output voltage, PGO
VCPG = 0 V,
IO(PGO) = 9.6 mA,
See Figure 6
0.4
V
ICC
Standby supply current
All other inputs and outputs open
32
mA
fosc
Oscillator frequency
CT = 1200 pF
80
kHz
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of power good
VCPG L → H,
VO(PGO) L → H,
See Figures 4 and 6
100
ns
td
Delay time of power good
RL = 150 kΩ,
CPG = 2.2
µF,
VI(PGI) H → L, VO(PGO) H → L,
See Figures 4 and 6
500
600
µs


Similar Part No. - TPS5206CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI1-TPS5210 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210DW TI-TPS5210DW Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI-TPS5210PWP Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI1-TPS5210PWP Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5206CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May 1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
logo
NTE Electronics
NTE1672 NTE-NTE1672 Datasheet
29Kb / 4P
   Integrated Circuit Power Supply Control Circuit
logo
Seme LAB
IP5661C SEME-LAB-IP5661C Datasheet
34Kb / 4P
   SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
IP5560C SEME-LAB-IP5560C Datasheet
46Kb / 7P
   SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
Toshiba Semiconductor
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
   Switching Power Supply Feedback Control
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
   For Switching Power Supply Control
logo
Fuji Electric
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
   For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com