Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-1601 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 408-1601
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-1601 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  408-1601 Datasheet HTML 1Page - TE Connectivity Ltd 408-1601 Datasheet HTML 2Page - TE Connectivity Ltd 408-1601 Datasheet HTML 3Page - TE Connectivity Ltd 408-1601 Datasheet HTML 4Page - TE Connectivity Ltd 408-1601 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408-1601
Rev J
2 of 5
Figure 2
5. Insert stripped wire into wire barrel from BACK side of tool. Make sure insulation does NOT enter wire
barrel.
6. Holding wire in place, squeeze tool handles together FULLY. Open tool handles.
7. To crimp the wire insulation, center the receptacle insulation barrel in the insulation crimping chamber.
The wire must extend from the BACK side of the tool, as shown in Figure 3B.
8. Holding receptacle in place, squeeze tool handles together FULLY. Open tool handles and remove
crimped receptacle.
Figure 3
3.2. Flag Receptacle
1. Hold tool so that the FRONT side is facing you.
2. Open tool handles and center receptacle wire barrel in the “FLAG” crimping chamber. The receptacle
should be angled at approximately 45° and the Tab-Lok tab must rest on the crimping jaw. See Figure
4A.
3. Holding receptacle in place, squeeze tool handles until the Tab-Lok tab is inserted through the slot in
the bottom of the wire barrel. Do NOT deform wire barrel.
4. Insert stripped wire into wire barrel from the BACK side of the tool. Be sure the insulation does NOT
enter the wire barrel.
5. Holding wire in place, squeeze tool handles together FULLY. Open tool handles.
6. To crimp the wire insulation, center the receptacle insulation barrel in the insulation crimping chamber,
as shown in Figure 4B.
7. Holding wire in position, squeeze tool handles FULLY. Open tool handles and remove crimped
receptacle.
Tab-Lok Tab
Wire Barrel
Insulation
Barrel
Strip Length
(Wire Barrel Length
Plus 0.79 [.031]
Wire Barrel
Flag
Receptacle
Straight
Receptacle
NOTE: Not to Scale.
Crimping Straight Receptacles
Front Side of Tool
Wire Barrel
Crimping Chamber
Wire Insulation
Crimping Chamber
Stripped Wire
Crimped
Insulation
Barrel
Wire Barrel
Crimped Wire
Barrel
A
B


Similar Part No. - 408-1601

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1602 TEC-408-1602 Datasheet
493Kb / 11P
   For information on tool setup and operation, refer to Instruction Sheet
More results

Similar Description - 408-1601

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com