Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16134 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16134
Description  Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16134 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16134 Datasheet HTML 6Page - Maxim Integrated Products MAX16134 Datasheet HTML 7Page - Maxim Integrated Products MAX16134 Datasheet HTML 8Page - Maxim Integrated Products MAX16134 Datasheet HTML 9Page - Maxim Integrated Products MAX16134 Datasheet HTML 10Page - Maxim Integrated Products MAX16134 Datasheet HTML 11Page - Maxim Integrated Products MAX16134 Datasheet HTML 12Page - Maxim Integrated Products MAX16134 Datasheet HTML 13Page - Maxim Integrated Products MAX16134 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PIN
NAME
FUNCTION
MAX16132
MAX16133
MAX16134
MAX16135
1
1
1
1
VDD
Supply Input. Bypass with a 0.1µF capacitor to
GND.
2
IN
Monitoring Input. Connect IN to its nominal input voltage.
When VIN falls outside overvoltage/undervoltage window
threshold, RESET asserts.
3, 5, 6, 7
5, 6
N.C.
No Connect. Leave open or connect to ground.
4
4
4
4
GND
Ground
8
RESET
Active-Low, Open-Drain Reset Output. RESET
asserts when VIN falls outside of the undervoltage/
overvoltage window threshold. RESET stays
asserted for the reset timeout period after VIN fall
within the undervoltage/overvoltage window threshold.
RESET requires a pullup resistor.
2
2
2
IN1
Monitoring Input 1. Connect IN1 to its nominal input
voltage. When VIN1 falls outside undervoltage/
overvoltage window threshold, RESET1 asserts.
For the quad input (MAX16135), RESET1 asserts
when either IN1 and/or IN2 falls outside the
undervoltage/overvotlage window threshold.
3
3
3
IN2
Monitoring Input 2. Connect IN2 to its nominal input
voltage. When VIN2 falls outside the undervoltage/
overvoltage window threshold, RESET2 asserts.
For the quad input (MAX16135), RESET1 asserts
when either IN2 and/or IN1 falls outside the
undervoltage/overvotlage window threshold.
7
7
7
RESET2
Active-Low, Open-Drain Reset Output 2. RESET2
asserts when VIN2 falls outside the undervoltage/
overvoltage window threshold. RESET2 stays
asserted for the reset timeout period after VIN2
falls within the undervoltage/overvoltage window
threshold. RESET2 requires a pullup resistor. For
the MAX16135, RESET2 asserts when either IN3
and/or IN4 falls outside the undervoltage/
overvoltlage window threshold.
8
8
8
RESET1
Active-Low, Open-Drain Reset Output 1. RESET1
asserts when VIN1 falls outside the undervoltage/
overvoltage window threshold. RESET1 stays
asserted for the reset timeout period after VIN1
falls within the undervoltage/overvoltage window
threshold. RESET1 requires a pull up resistor.For
the MAX16135, RESET1 asserts when either IN1
and/or IN2 falls outside the undervoltage/overvot-
lage window threshold.
Pin Description
www.maximintegrated.com
Maxim Integrated │ 10
MAX16132–MAX16135
Low-Voltage, Precision, Single/Dual/Triple/
Quad-Voltage μP Supervisors


Similar Part No. - MAX16134

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613600/VY+T MAXIM-MAX1613600/VY+T Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613601/VY+T*+T* MAXIM-MAX1613601/VY+T* Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613602/VY+T*+T* MAXIM-MAX1613602/VY+T* Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX16137 MAXIM-MAX16137 Datasheet
653Kb / 22P
   1% Accuracy Single-Window Voltage Monitor with BIST
Rev 0; 2/21
More results

Similar Description - MAX16134

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
logo
STMicroelectronics
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com