Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17690ATE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17690ATE+
Description  4.5V to 60V Input Voltage Range
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17690ATE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17690ATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
(VIN = 24V, VEN/UVLO = +2V, VOVI = SGND, CVIN = 1uF, CINTVCC = 2.2µF, TA = +25°C, unless otherwise noted.)
Maxim Integrated │ 5
www.maximintegrated.com
MAX17690
60V, No-Opto Isolated Flyback Controller
Typical Operating Characteristics
0
10
20
30
40
50
60
70
80
90
100
0 100 200 300 400 500 600 700 800 900 1000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
VIN = 24V
VIN = 18V
VIN = 36V
FIGURE6 CIRCUIT
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
5.18
5.20
0 100 200 300 400 500 600 700 800 900 1000
LOAD CURRENT (mA)
OUTPUT VOLTAGE
vs. LOAD CURRENT
toc2
VIN = 36V
VIN = 24V
VIN = 18V
FIGURE 6 CIRCUIT
4.960
4.980
5.000
5.020
5.040
5.060
5.080
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
toc3
FIGURE 6 CIRCUIT
FIGURE 6 CIRCUIT
RTC OPEN AND RFB = 160kΩ
VIN = 24V, ILOAD = 1A
0
50
100
150
200
250
300
20
40
60
80
100
RT (kΩ)
SWITCHING FREQUENCY vs. RT
toc4
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
CHARGE (nC)
RISE TIME
FALL TIME
toc5
toc6
1.0ms/div
IOUT
VOUT
(AC)
500mA/div
100mV/div
LOAD TRANSIENT RESPONSE,
(LOAD CURRENT STEPPED
FROM 500mA to 1A)


Similar Part No. - MAX17690ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17690ATE++ MAXIM-MAX17690ATE+ Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
More results

Similar Description - MAX17690ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
   4.5V to 10V Input Range
2013
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Maxim Integrated Produc...
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
   Wide 4.5V to 36V Input Range
Rev 0; 3/19
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
   8V to 60V Wide Input Voltage Range
Rev 0; 1/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com