Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC164250XTB Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC164250XTB
Description  3-Pin One-Cell Step-Up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC164250XTB Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC164250XTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 9Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 10Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 11Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 12Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 13Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AIC1642
9
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-40
-20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Fig. 31
AIC1642-50 SW On Resistance vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
10
20
30
40
50
60
70
80
90
100
Fig. 34
AIC1642-50 Supply Current vs. Temperature
Temperature (
°C)
BLOCK DIAGRAM
+
GND
VOUT
SW
1.25V REF.
1M
Enable
-
OSC, 100KHz
PIN DESCRIPTIONS
PIN1 : GND - Ground. Must be low imped-
ance; sorer directly to ground
plane.
PIN2 : VOUT - IC supply pin. Connect VOUT
to the regulator output.
PIN3 : SW – Internal drain of N-MOSFET
switch.


Similar Part No. - AIC164250XTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC164250XTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
   Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
   3-Pin Simple Step-Up DC/DC Converter
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com