Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC164227XBG Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC164227XBG
Description  3-Pin One-Cell Step-Up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC164227XBG Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC164227XBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 9Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 10Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 11Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 12Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 13Page - Analog Intergrations Corporation AIC164227XBG Datasheet HTML 14Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AIC1642
11
I
PK
IIN
V
EXT
I
SW
IOUT
V
SW
I
D
t
Continuous Conduction Mode
Continuous Conduction Mode
At the boundary between continuous and dis-
continuous mode, output current (IOB) is deter-
mined by
)
x
1
(
*
T
*
L
V
*
2
1
*
V
V
I
ON
IN
OUT
IN
OB
=
where Vd is the diode drop,
L
T
*
)
R
R
(
x
ON
S
ON
+
=
RON= Switch turn on resistance, RS= Inductor
DC resistance
TON = Switch ON time
In the discontinuous mode, the switching fre-
quency (Fsw) is
Fsw =
)
x
(1
T
V
)
(I
*
)
V
V
(V
*
(L)
*
2
2
ON
2
IN
OUT
IN
D
OUT
+
×
+
In the continuous mode, the switching fre-
quency is
(
)
+
+
+
+
+
+
=
SW
D
OUT
IN
D
OUT
ON
SW
D
OUT
SW
IN
SW
D
OUT
IN
D
OUT
ON
SW
V
V
V
V
V
V
T
1
)]
V
V
V
V
V
(
2
x
[1
*
)
V
V
(V
V
V
V
T
1
f
where Vsw = switch drop and proportion to out-
put current.
Inductor Selection
To operate as an efficient energy transfer ele-
ment, the inductor must fulfill three require-
ments. First, the inductance must be low
enough for the inductor to store adequate en-
ergy under the worst case condition of minimum
input voltage and switch ON time. Second, the
inductance must also be high enough so maxi-
mum current rating of AIC1642 and inductor are
not exceed at the other worst case condition of
maximum input voltage and ON time. Lastly, the
inductor must have sufficiently low DC resis-
tance so excessive power is not lost as heat in
the windings. But unfortunately this is inversely
related to physical size.
Minimum and maximum input voltage, output
voltage and output current must be established
in advance and then inductor can be selected.
In discontinuous mode operation, at the end of
the switch ON time, peak current and energy in
the inductor build according to
+
+
=
)
T
*
L
Rs
RON
exp(
1
*
Rs
R
V
I
ON
ON
IN
PK
( )
 −
2
x
1
*
T
*
L
V
ON
IN
ON
IN
T
L
V
(simple loss equation),
where
L
T
*
)
R
R
(
x
ON
S
ON
+
=


Similar Part No. - AIC164227XBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC164227XBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
   Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
   3-Pin Simple Step-Up DC/DC Converter
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com